Electronic Components Datasheet Search
  English  ▼

X  

CORTEX-M0 Datasheet(PDF) 1 Page - Arm Limited (or its affiliates).

Part # CORTEX-M0
Description  Arm Cortex-M0 Processor Datasheet
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARM [Arm Limited (or its affiliates).]
Direct Link  https://www.arm.com/
Logo ARM - Arm Limited (or its affiliates).

CORTEX-M0 Datasheet(HTML) 1 Page - Arm Limited (or its affiliates).

  CORTEX-M0 Datasheet HTML 1Page - Arm Limited (or its affiliates). CORTEX-M0 Datasheet HTML 2Page - Arm Limited (or its affiliates). CORTEX-M0 Datasheet HTML 3Page - Arm Limited (or its affiliates). CORTEX-M0 Datasheet HTML 4Page - Arm Limited (or its affiliates). CORTEX-M0 Datasheet HTML 5Page - Arm Limited (or its affiliates). CORTEX-M0 Datasheet HTML 6Page - Arm Limited (or its affiliates). CORTEX-M0 Datasheet HTML 7Page - Arm Limited (or its affiliates).  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
Arm Cortex-M0 Processor Datasheet
Datasheet
Figure 1:
Block diagram of the
Cortex-M0 processor
Overview
The Cortex-M0 processor has an exceptionally small silicon area, low power and minimal code
footprint, enabling developers to achieve 32-bit performance at an 8-bit price point, bypassing
the step to 16-bit devices. The ultra-low gate count of the processor enables
its deployment in analog and mixed signal devices.
Features
Feature
Description
Architecture
Armv6-M
Pipeline
3-stage
Bus Interface
AMBA AHB-Lite (Von Neumann bus architecture)
Interrupts
Non-maskable Interrupt (NMI) and up to 32 physical interrupts
Wake-up Interrupt
Controller (WIC)
Optional for waking up the processor from state retention power
gating or when all clocks are stopped
Sleep Modes
Integrated Wait For Interrupt (WFI) and Wait For Event (WFE)
instructions and Sleep On Exit capability
Sleep and Deep Sleep signals
Optional retention mode with
Arm Power Management Kit
Enhanced Instructions
Hardware single-cycle (32x32) multiply
Debug
Optional JTAG and Serial Wire Debug ports
Up to four breakpoints and two watchpoints
-M0
Nested vectored
interrupt controller
CORTEX®-M0
Nested vectored
interrupt controller
CPU
Armv6-M
AHB-Life
JTAG
Serial wire
Data
Watchpoint
Breakpoint
Unit
About the Processor
The Cortex-M0 processor is a configurable, multistage, 32-bit RISC processor. It has
an AMBA AHB-Lite interface and includes a Nested Vectored Interrupt Controller
(NVIC) component. It also has optional hardware debug functionality. The processor
can execute Thumb code and is compatible with other Cortex-M profile processors.


Similar Part No. - CORTEX-M0

ManufacturerPart #DatasheetDescription
logo
Arm Limited (or its aff...
CORTEX-M23 ARM-CORTEX-M23 Datasheet
1Mb / 9P
Arm Cortex-M23 Processor Datasheet
CORTEX-M3 ARM-CORTEX-M3 Datasheet
4Mb / 10P
Arm Cortex-M3 Datasheet
CORTEX-M33 ARM-CORTEX-M33 Datasheet
1Mb / 13P
Arm Cortex-M33 Processor Datasheet
CORTEX-M4 ARM-CORTEX-M4 Datasheet
5Mb / 10P
Arm Cortex-M4 Datasheet
CORTEX-M55 ARM-CORTEX-M55 Datasheet
3Mb / 12P
Arm Cortex-M55 Processor Datasheet
More results

Similar Description - CORTEX-M0

ManufacturerPart #DatasheetDescription
logo
TALEMA Group. LLC
M058LAN TALEMA-M058LAN Datasheet
1Mb / 71P
ARM Cortex??M0 32-BIT MICROCONTROLLER
M0516LAN TALEMA-M0516LAN Datasheet
1Mb / 71P
ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
List of Unclassifed Man...
NUC122ZD2AN ETC2-NUC122ZD2AN Datasheet
1Mb / 66P
ARM Cortex??M0 32-BIT MICROCONTROLLER
NUC100VE3AN ETC2-NUC100VE3AN Datasheet
2Mb / 86P
ARM Cortex??M0 32-BIT MICROCONTROLLER
NUC130LE3CN ETC2-NUC130LE3CN Datasheet
1Mb / 75P
ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
Holtek Semiconductor In...
HT32F52231 HOLTEK-HT32F52231 Datasheet
4Mb / 50P
32-Bit ARM Cortex-M0 Microcontroller
logo
Princeton Technology Co...
PT32C302 PTC-PT32C302 Datasheet
213Kb / 3P
ARM 짰 Cortex??M0 Microcontroller
PT32M621 PTC-PT32M621 Datasheet
131Kb / 2P
ARM 짰 Cortex??M0 Micontroller
PT32M625 PTC-PT32M625 Datasheet
268Kb / 4P
ARM 짰 Cortex??M0 Microcontroller
PT32U301 PTC-PT32U301 Datasheet
494Kb / 9P
ARM 짰 Cortex??M0 Microcontroller
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com