Electronic Components Datasheet Search
  English  ▼

X  

CORTEX-M4 Datasheet(PDF) 4 Page - Arm Limited (or its affiliates).

Part # CORTEX-M4
Description  Arm Cortex-M4 Datasheet
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARM [Arm Limited (or its affiliates).]
Direct Link  https://www.arm.com/
Logo ARM - Arm Limited (or its affiliates).

CORTEX-M4 Datasheet(HTML) 4 Page - Arm Limited (or its affiliates).

  CORTEX-M4 Datasheet HTML 1Page - Arm Limited (or its affiliates). CORTEX-M4 Datasheet HTML 2Page - Arm Limited (or its affiliates). CORTEX-M4 Datasheet HTML 3Page - Arm Limited (or its affiliates). CORTEX-M4 Datasheet HTML 4Page - Arm Limited (or its affiliates). CORTEX-M4 Datasheet HTML 5Page - Arm Limited (or its affiliates). CORTEX-M4 Datasheet HTML 6Page - Arm Limited (or its affiliates). CORTEX-M4 Datasheet HTML 7Page - Arm Limited (or its affiliates). CORTEX-M4 Datasheet HTML 8Page - Arm Limited (or its affiliates). CORTEX-M4 Datasheet HTML 9Page - Arm Limited (or its affiliates). Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
Processor state automatically saved on interrupt entry, and restored on interrupt exit,
with no instruction overhead
Optional Wake-up Interrupt Controller (WIC), providing ultra-low power sleep
mode support
Memory Protection Unit (MPU)
An optional MPU for memory protection, including:
Eight memory regions
Sub Region Disable (SRD), enabling efficient use of memory regions
The ability to enable a background region that implements the default memory
map attributes
Cross Trigger Interface Unit
The optional CTI enables the debug logic and the Embedded Trace Macrocell (ETM)
to interact with each other and with other CoreSight components.
Debug and Trace
Low-cost debug solution that features:
Debug access to all memory and registers in the system, including access to memory
mapped devices, access to internal core registers when the core is halted, and access
to debug control registers even while SYSRESETn is asserted
Serial Wire Debug Port (SW-DP) or Serial Wire JTAG Debug Port (SWJ-DP) debug
access, or both
Optional Flash Patch and Breakpoint (FPB) unit for implementing breakpoints
and code patches
Optional Data Watchpoint and Trace (DWT) unit for implementing watchpoints,
data tracing, and system profiling
Optional Instrumentation Trace Macrocell (ITM) for support of printf style debugging
Optional Trace Port Interface Unit (TPIU) for bridging to a Trace Port Analyzer (TPA),
including Single Wire Output (SWO) mode
Optional ETM for instruction trace
ETM interface
The ETM interface enables simple connection of an ETM to the processor. It provides a
channel for instruction trace to the ETM.
AHB Trace Macrocell interface
The AHB Trace Macrocell (HTM) interface enables a simple connection of the AHB trace
macrocell to the processor. It provides a channel for the data trace to the HTM.
Your implementation must include this interface to use the HTM interface. You must
set TRCENA to 1 in the Debug Exception and Monitor Control Register (DEMCR) before
you enable the HTM to enable the HTM port to supply trace data.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com