Electronic Components Datasheet Search
  English  ▼

X  

RT1 Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # RT1
Description  Remote Access Solution
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

RT1 Datasheet(HTML) 1 Page - Omron Electronics LLC

  RT1 Datasheet HTML 1Page - Omron Electronics LLC RT1 Datasheet HTML 2Page - Omron Electronics LLC RT1 Datasheet HTML 3Page - Omron Electronics LLC RT1 Datasheet HTML 4Page - Omron Electronics LLC RT1 Datasheet HTML 5Page - Omron Electronics LLC RT1 Datasheet HTML 6Page - Omron Electronics LLC RT1 Datasheet HTML 7Page - Omron Electronics LLC RT1 Datasheet HTML 8Page - Omron Electronics LLC RT1 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
Remote Access Solution
RT1-series
Secure Remote Access Solution for Maintenance Services
SiteManager is a security certified Remote Access Solution that
ensures unified, uninterrupted and secure access to remote
industrial equipment.
The RT1-series SiteManager operates in the Secomea's Prime
Platform, ensuring efficient maintenance, cost savings, and
increased production output.
RT100 SiteManager series is a robust, DIN mountable industrial
gateway that you install in machine control panels to provide
remote access for on-demand, real-time servicing of industrial
equipment.
• Security certified and built-In firewall
• Troubleshooting and remote programming of the complete range of Omron
Automation System
• Service ready Device to improve responsiveness, reduce the impact of
emergencies, optimise the workload of engineers and maximise machine
availability and productivity
• Minimised environmental impact and increased sustainability by reducing
Travels for Machine maintenance
Overview of Gateway Units
The SiteManager is a remote access gateway (hardware) that is installed in the field. The LinkManager is a communication software for remote
access from your personal computer in a remote location to a device placed in the field. The Secomea's Prime Platform is a cloud service (M2M
server) to remotely connect the SiteManager and the LinkManager via the internet.
You can build a secure remote access environment via the internet to remotely access from Sysmac Studio on your personal computer to an NJ/
NX-series Machine Automation Controller in a remote location, by using the SiteManager, GateManager, and LinkManager.
All SiteManager models are equipped with a data collection module function (DCM). SiteManager becomes an IoT gateway, and it is possible to
collect data from industrial equipment without any program and securely transfer the data to the IoT cloud service.
Furthermore, by using the LogTunnel function, it is possible to transfer data directly from a remote industrial device to a SCADA / MES / ERP server
or other data server. In this case, it is necessary to install SiteManager on the server side as well.
Log Tunnel and DCM functions require subscription to "Professional" package.
Upgrading or downgrading packages is done through Secomea Prime platform.
Internet
PC
(LinkManager,
Sysmac Studio)
SiteManager
Controller
Prime Platform


Similar Part No. - RT1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
RT1 MACOM-RT1 Datasheet
286Kb / 4P
Power PCB Relay
logo
TE Connectivity Ltd
RT1 TEC-RT1 Datasheet
492Kb / 4P
Power PCB Relay RT1
logo
Tyco Electronics
RT1 MACOM-RT1 Datasheet
589Kb / 3P
Power PCB Relay RT1 1 pole 12 / 16 A, DC- or AC-coil
logo
TE Connectivity Ltd
RT1 TEC-RT1 Datasheet
543Kb / 4P
General Purpose Relays PCB Relays
11-2020, Rev. 1120
logo
Weller Tools
RT1 WELLER-RT1 Datasheet
1Mb / 2P
RT 1
More results

Similar Description - RT1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC2533 TI-CC2533 Datasheet
887Kb / 34P
An Optimized System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 Remote Control Applications
CC2533 TI-CC2533_11 Datasheet
757Kb / 34P
An Optimized System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 Remote Control Applications
logo
Zilog, Inc.
ZLF645S0XXX64G ZILOG-ZLF645S0XXX64G Datasheet
406Kb / 8P
ZLF645 Crimzon Flash Microcontroller with ZBase Database Industry Leading Universal Infrared Remote Control (UIR) Solution
logo
Texas Instruments
CC2533 TI-CC2533_12 Datasheet
879Kb / 34P
An Optimized System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 Remote Control Applications
TMS37F128 TI1-TMS37F128 Datasheet
589Kb / 10P
CONTROLLER REMOTE ACCESS IDENTIFICATION DEVICE (CRAID) WITH INTEGRATED MICROCONTROLLER, 3D WAKEUP RECEIVER, AND IMMOBILIZER INTERFACE
TMS37126 TI1-TMS37126 Datasheet
490Kb / 10P
REMOTE ACCESS IDENTIFICATION DEVICEWITH INTEGRATED 3D WAKEUP RECEIVER AND IMMOBILIZER INTERFACE
logo
List of Unclassifed Man...
B020-016-17-IP ETC2-B020-016-17-IP Datasheet
516Kb / 5P
16-Port NetDirector 1U Rackmount Console KVM Switch w/17" LCD and IP Remote Access
logo
Keysight Technologies
E6610A KEYSIGHT-E6610A Datasheet
1Mb / 8P
Remote Radio Head Test, Reference Solution
logo
TXC Corporation.
BC-SERIES TXC-BC-SERIES Datasheet
963Kb / 1P
PLL solution.
logo
NHP Electrical Engineer...
PLX35-NB2 NHP-PLX35-NB2 Datasheet
489Kb / 1P
PROSOFT REMOTE ACCESS NETWORK BRIDGE
7 June 2023,
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com