Electronic Components Datasheet Search
  English  ▼

X  

RT1 Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # RT1
Description  Remote Access Solution
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

RT1 Datasheet(HTML) 3 Page - Omron Electronics LLC

  RT1 Datasheet HTML 1Page - Omron Electronics LLC RT1 Datasheet HTML 2Page - Omron Electronics LLC RT1 Datasheet HTML 3Page - Omron Electronics LLC RT1 Datasheet HTML 4Page - Omron Electronics LLC RT1 Datasheet HTML 5Page - Omron Electronics LLC RT1 Datasheet HTML 6Page - Omron Electronics LLC RT1 Datasheet HTML 7Page - Omron Electronics LLC RT1 Datasheet HTML 8Page - Omron Electronics LLC RT1 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
RT1-series
3
Specifications
Electrical Properties
• Input 12 to 24 VDC, via screw terminals
• Network Interfaces: 4 x 10/100 Mbit
• Ethernet (1 x UPLINK, 3 x DEV,) - RJ45 connection
• 1 x USB 2.0 full speed (Host)
• 1 x RS232 DB9 Serial port with full flow control
• Power consumption: max 5 W excl. any optional USB devices
(Calculate with a total of 8 W incl. USB devices)
• 2 x digital input ports
• 1 x output relay (max 0.5 A), 1 x digital output open drain (max 0.2 A)
• Micro SD card slot for DCM store-and-forward
• SiteManager 4G models only: Integrated broadband modem with external standard
polarity female SMA connector and Micro SIM push-pull slot
• SiteManager WiFi models only: Integrated WiFi module with (IEEE 802.11 b/g/n/ac)
2.4/5 GHz support and external female RP-SMA connector
Regulations*1
Europe
CE, UKCA
North America
FCC 47 cfr part 15
Japan
Giteki
Korea
KC
General
RoHS, REACH
4G Global Modem
specs (SiteManager
4G models)
LTE bands
B1 (FDD 2100) IMT,
B2 (FDD 1900) PCS
B3 (1800 +) DCS,
B4 (1700) AWS
B5 (850) CLR, US Korea etc.
B7 (2600) IMT-E
B8 (900) E-GSM,
B12 (700) US,
B13 (700c) USMH, LSMH US, LSMH US,
B18 (800 or 850) Japan #4,
B19 (800 or 850) Japan #5,
B20 (800) Digital Dividend,
B25 (1900 G Block),
B26 (850+) Extended CLR,
B28 (700 APT) APAC
B34 (TDD),
B38 (TDD 2600) IMT-E,
B39 (TDD 1900 +) China,
B40 (TDD 2300) China,
B41 (TDD 2500) BRS/EBS,
B66 (TDD)
WCDMA/UMTS band
B1 (2100) IMT,
B2 (1900) PCS,
B4 (1700) AWS-1
B5 (850) CLR,
B6 (850) Japan #1,
B8 (900) E-GSM
B19 (800) Japan
GPRS/EDGE bands
B2 (1900),
B3 (1800),
B5 (850),
B8 (900)
Modem Certifications *2 /
Carriers
US/North America: FCC, PTCRB, IC (AT&T, Rogers)
China: CCC, CTA, TA (NCC)
Europe: CE RED, GCF
Japan: Jate, Giteki, Telec (Via MVNO carriers, NTT Docomo, au/KDDI, Soft-bank. For
connection to direct subscriptions to these carriers, you may need the region specific
SiteManager 4G JP model)
Physical Properties
Operating temperature
-25 to 60°C (-13 to 140°F), 5% to 95% RH
Storage temperature
-40 to 60°C (-40 to 140°F), 5% to 95% RH
Dimensions, unpacked
(H×W×D)
107 × 32 × 97 mm (4 1/5 × 1 1/4 × 3 4/5 inch)
Weight
500 g
Housing
Metal case, IP20, DIN mountable
Operating altitude
up to 2000 m
Storage altitude
up to 3000 m



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com