Electronic Components Datasheet Search
  English  ▼

X  

RT1 Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # RT1
Description  Remote Access Solution
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

RT1 Datasheet(HTML) 4 Page - Omron Electronics LLC

  RT1 Datasheet HTML 1Page - Omron Electronics LLC RT1 Datasheet HTML 2Page - Omron Electronics LLC RT1 Datasheet HTML 3Page - Omron Electronics LLC RT1 Datasheet HTML 4Page - Omron Electronics LLC RT1 Datasheet HTML 5Page - Omron Electronics LLC RT1 Datasheet HTML 6Page - Omron Electronics LLC RT1 Datasheet HTML 7Page - Omron Electronics LLC RT1 Datasheet HTML 8Page - Omron Electronics LLC RT1 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
RT1-series
4
*1. Ask your OMRON representative for the most recent applicable standards for each model.
*2. Certifications apply to the embedded modem, and may not apply when combined with SiteManager.
LinkManager Requirements
Networking Capabilities
• Choice of Uplink (WAN) Internet access:
- Ethernet,
- SiteManager WiFi models only: Integrated WiFi in Client or AP mode
- SiteManager 4G models only: Integrated Cellular modem
• Choice of Uplink IP-assignment mode:
DHCP client, PPPoE client, manual/static
• Telnet to Serial routing (rfc2217). Siemens MPI/PPI is supported via an adapter
• DHCP server on Device LAN by Ethernet or as access point via WiFi
• USB port for remote accessing USB-enabled devices (directly or via USB hub)
• Support for remote access by any UDP/TCP based protocol including Layer 2
• LogTunnel support for easy setup of remote SCADA logging infrastructure
Monitoring and Logging Features
• System log with System Watchdog
• Automatic event logging on GateManager
• SiteManager 4G models only: Bi-directional SMS Gateway support via Serial AT
commands and UDP/TCP script commands
• Advanced trouble-shooting functionality for automatic discovery of networking conflicts
and configuration issues
Configuration and Management
• Easy configuration with pre-defined configuration using a USB stick
• Appliance Launcher for easy initial contact and connection to GateManagerTM
• Configuration and maintenance of SiteManagerTM via browser
(HTTPS/SSL . local or remote from GateManagerTM)
• Includes a Setup Assistant Wizard for guided configuration via the Web GUI
• Configuration backup management (via GateManagerTM), including scheduled backup
and fast hardware replacement (cold backup)
• Configuration export and import (XML)
• Pre-defined Device Agents for easy setup of access to PCs, web devices and PLCs and
HMIs.
• Unique device scanning feature for automatic detection of IP and USB devices and
configuration with a single click
LED Signalling and I/Os
• 4 LEDs for signalling Power, Status, Wireless uplink status and LinkManager
connection
• Digital input port for site operator control of remote access
• Digital or Relay output for signalling active LinkManager connections, and
GateManager connection status
• Configurable digital input port for custom Email/SMS alert triggering
• Output port for custom toggling from the SiteManager GUI
Integrated Data
Collection Module
DCM
Collector protocols
(Ethernet)
Modbus, OPC UA, http get (json, xml etc.)
Data Server (Cloud)
protocols
AWS, Azure, Cumulocity, Alibaba/Aliyun
Edge computing
capabilities
• Aggregations (avg, max/min, compute etc.),
• Event triggered alarms
Store and forward
capacity
• 80 MB internal Flash
• +64 GB via inserted SD memory card (not included)
Item
Requirement
Operating system (OS)
Windows 10
Browser
Google Chrome/Microsoft Edge
Note: Use HTTPS (TCP port number: 443 fixed) to communicate with GateManager.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com