Electronic Components Datasheet Search
  English  ▼

X  

119 Datasheet(PDF) 40 Page - Abbatron All Rights Reserved

Part # 119
Description  Premier Supplier of Electronic Hardware
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABBATRON [Abbatron All Rights Reserved]
Direct Link  https://www.abbatron.com/
Logo ABBATRON - Abbatron All Rights Reserved

119 Datasheet(HTML) 40 Page - Abbatron All Rights Reserved

Back Button 119 Datasheet HTML 36Page - Abbatron All Rights Reserved 119 Datasheet HTML 37Page - Abbatron All Rights Reserved 119 Datasheet HTML 38Page - Abbatron All Rights Reserved 119 Datasheet HTML 39Page - Abbatron All Rights Reserved 119 Datasheet HTML 40Page - Abbatron All Rights Reserved 119 Datasheet HTML 41Page - Abbatron All Rights Reserved 119 Datasheet HTML 42Page - Abbatron All Rights Reserved 119 Datasheet HTML 43Page - Abbatron All Rights Reserved 119 Datasheet HTML 44Page - Abbatron All Rights Reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 60 page
background image
High Voltage Insulators
38
High Voltage Insulators
•
Abbatron High Voltage Insulators are ideal for high-voltage,
high-temperature standoff and/or feed-thru applications. They
are not intended for high-vacuum or hermetically sealed use,
nor with heavy shear loads.
•
Temperature ratings recommend Steatite safe operation to
1800oF (980oC). Cushion washers may further limit operating
temperature.
•
Voltage ratings (recommended in table) are specified under
clean, dry conditions only. Moisture and/or dirt will de-rate
up to 50%.
•
Nominal operating current, limited by hardware size, shown
for AC, 60Hz, 10oC rise.
•
These insulators are made from Grade L-5 Steatite per
MIL-I-10E. Hardware is nickel plated brass except for solder
lugs, which are tin plated. Cushion washers are “Champak”,
compressed paper or cork.
Steatite Material Specifications:
•
Water absorption 0.05% maximum
•
2600oC softening temperature
• Coefficient of Expansion 7.5 (In/In. per oC x 10-6)
•
Dialectric strength 250 Volts per mil.
•
.003 power factor at 1MHz
• Clear glaze finish over creamy white colored Steatite material.
PART
VOLT
MIN. DIA.
MIN. DIA.
HEIGHT
SCREW
NO.
RATING
A
B
H
SIZE
9500
3 KV
7/16
5/8
21/32
6-32
9501
4 KV
1/2
3/4
1-1/32
8-32
9502
5 KV
1/2
1
1-9/16
8-32
9503
10 KV
5/8
1-1/8
2-1/16
10-32
HH Smith



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com