Electronic Components Datasheet Search
  English  ▼

X  

119 Datasheet(PDF) 9 Page - Abbatron All Rights Reserved

Part # 119
Description  Premier Supplier of Electronic Hardware
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABBATRON [Abbatron All Rights Reserved]
Direct Link  https://www.abbatron.com/
Logo ABBATRON - Abbatron All Rights Reserved

119 Datasheet(HTML) 9 Page - Abbatron All Rights Reserved

Back Button 119 Datasheet HTML 5Page - Abbatron All Rights Reserved 119 Datasheet HTML 6Page - Abbatron All Rights Reserved 119 Datasheet HTML 7Page - Abbatron All Rights Reserved 119 Datasheet HTML 8Page - Abbatron All Rights Reserved 119 Datasheet HTML 9Page - Abbatron All Rights Reserved 119 Datasheet HTML 10Page - Abbatron All Rights Reserved 119 Datasheet HTML 11Page - Abbatron All Rights Reserved 119 Datasheet HTML 12Page - Abbatron All Rights Reserved 119 Datasheet HTML 13Page - Abbatron All Rights Reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 60 page
background image
Test Lead Kits
Test Lead Wire Specifications
Need something a little different? Abbatron can manufacture
custom test leads designed to your specifications. Call your
nearest Abbatron distributor or representative for details.
AWG
WIRE
INSULATION
O.D.
STRAND VOLTAGE CURRENT
#18
PVC
0.140"
65/35
10KV
10 AMP
#18
Rubber (Buna N) 0.140"
65/36
10KV
10 AMP
#20
Rubber
0.120"
26/34
5KV
8 AMP
#24
PVC
0.090"
19/36
5KV
5 AMP
RATINGS
Universal Test Lead Kit
•
Banana plug test lead kit, with additional parts for universal
attachment to various instrument input connectors. Adapters
plug onto banana plug end.
•
One pair of leads (one red and one black) and accessories
are supplied in a handy folding vinyl pouch.
•
Lead wire is #18 PVC insulated. It is extra-flexible and kink
resistant. Nominal length is 48”.
Interchangeable Tip Test Lead Kit
•
An indispensable kit for every technician, laboratory, pro-
duction control station and repair/service facility. A pair
of ribbed safety-grip test prods are permanently fixed on
one end. Meter ends and prods have modular connectors
into which fit a complete assortment of instrument input
accessories.
•
One pair of leads (one red and one black) and accessories
are supplied in a handy folding vinyl pouch.
•
Lead wire is #18 PVC insulated. Nominal length is 48”.
610P
699
PART NO.
DESC.
QTY.
ACCESSORIES
2
Banana Plugs
2
Alligator Clips
2
Spade Lugs
4
Phone Tips
2
Needle Tips
Complete Kit
699
6
7
www.abbatron.com
Contact our Sales Department at 1-888-847-6484
HH Smith



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com