Electronic Components Datasheet Search
  English  ▼

X  

119 Datasheet(PDF) 15 Page - Abbatron All Rights Reserved

Part # 119
Description  Premier Supplier of Electronic Hardware
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABBATRON [Abbatron All Rights Reserved]
Direct Link  https://www.abbatron.com/
Logo ABBATRON - Abbatron All Rights Reserved

119 Datasheet(HTML) 15 Page - Abbatron All Rights Reserved

Back Button 119 Datasheet HTML 11Page - Abbatron All Rights Reserved 119 Datasheet HTML 12Page - Abbatron All Rights Reserved 119 Datasheet HTML 13Page - Abbatron All Rights Reserved 119 Datasheet HTML 14Page - Abbatron All Rights Reserved 119 Datasheet HTML 15Page - Abbatron All Rights Reserved 119 Datasheet HTML 16Page - Abbatron All Rights Reserved 119 Datasheet HTML 17Page - Abbatron All Rights Reserved 119 Datasheet HTML 18Page - Abbatron All Rights Reserved 119 Datasheet HTML 19Page - Abbatron All Rights Reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 60 page
background image
Insulated Binding Posts
1/16 to 13/62
PANEL
13
•
Post head is molded Lexan polycarbonate, hex or fluted.
Captivated to prevent loss.
•
Body is brass with gold or tin plating as indicated.
•
Insulated washers are molded polycarbonate and completely
insulate post from panel. Keyed to panel and body to prevent
rotation.
•
Body mounts in 3/8” or 1/2” round or “D” hole for anti-rotation
(see diagrams).
•
Connects with .080” phone tip plug, 1/4” spade lug, standard
banana plug, alligator clip or wire (to #14).
•
To connect circuit, wrap wire around solder turret or attach to
solder lug between nuts (lug not supplied).
•
All posts shown here are available in standard red (-102) and
black (-103). Other colors are available from factory. Please
add color to part number as suffix.
PART NO.
FIG.
HEAD SHAPE
POST THREAD
PLATING
257
Gold
899
Tin
459
Gold
799
Tin
1275
6-32
1275N
8-32
1517
6-32
1514
8-32
Gold
Tin
C
Fluted
Fluted
A
Hex
10-32
B
10-32
A
C
B
LENGTH
HEIGHT
PART NO. MNTG HOLE DIA. LENGTH HEIGHT CONVERTS
1814-5
3/8
1-7/32
5/32
1517
207-03
1/2
1-3/8
17/64
257
Base Insulators:
Use these molded polycarbonate insulators to convert single
posts to dual as indicated in table. Available in black.
www.abbatron.com
Contact our Sales Department at 1-888-847-6484
.375 Mounting Hole
.500 Mounting Hole
For Figure C
For Figure A and B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com