Electronic Components Datasheet Search
  English  ▼

X  

9503 Datasheet(PDF) 51 Page - Abbatron All Rights Reserved

Part # 9503
Description  Premier Supplier of Electronic Hardware
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABBATRON [Abbatron All Rights Reserved]
Direct Link  https://www.abbatron.com/
Logo ABBATRON - Abbatron All Rights Reserved

9503 Datasheet(HTML) 51 Page - Abbatron All Rights Reserved

Back Button 9503 Datasheet HTML 47Page - Abbatron All Rights Reserved 9503 Datasheet HTML 48Page - Abbatron All Rights Reserved 9503 Datasheet HTML 49Page - Abbatron All Rights Reserved 9503 Datasheet HTML 50Page - Abbatron All Rights Reserved 9503 Datasheet HTML 51Page - Abbatron All Rights Reserved 9503 Datasheet HTML 52Page - Abbatron All Rights Reserved 9503 Datasheet HTML 53Page - Abbatron All Rights Reserved 9503 Datasheet HTML 54Page - Abbatron All Rights Reserved 9503 Datasheet HTML 55Page - Abbatron All Rights Reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 60 page
background image
Aluminum Male/Female Hex Standoffs
BODY
LENGTH
THREAD
DEPTH
THREAD
LENGTH
4-40
6-32
8-32
.250
1/4
8000C
8001C
8002C
.375
3/8
8000E
8001E
8002E
.500
1/2
8000G
8001G
8002G
.625
5/8
8000J
8001J
8002J
.750
3/4
8000L
8001L
8002L
.875
7/8
8000N
8001N
8002N
1.000
1
8000Q
8001Q
8002Q
1.125
1-1/8
8000R
8001R
8002R
1.250
1-1/4
8000S
8001S
8002S
1.375
1-3/8
8000T
8001T
8002T
1.500
1-1/2
8000U
8001U
8002U
1.625
1-5/8
8000V
8001V
8002V
1.750
1-3/4
8000W
8001W
8002W
2.000
2
8000Y
8001Y
8002Y
2.500
2-1/2
8000ZB
8001ZB
8002ZB
3.000
3
8000ZD
8001ZD
8002ZD
BODY LENGTH
49
Thread Size
Body Length
Thread Depth
Thread Length
1/4"
1/8"
3/8" to 3"
1/4"
1/4"
1/8"
3/8"
1/4"
1/2"
11/32"
5/8" to 3"
3/8"
Thread Specs for Male/Female Standoffs (min)
6-32 & 8-32
3/16"
1/4"
3/8"
4-40
www.abbatron.com
Contact our Sales Department at 1-888-847-6484
Aluminum: Standoffs provide a compromise between
weight and strength. Although they cannot be provided
in solderable finishes, they can be plated with special
colored finishes besides the standard clear chromate.
Anodized finishes have insulating characteristics when
undamaged, and can be provided in a black matte, non-
reflective surface. Aluminum is non-magnetic and can
withstand severe conditions when properly finished.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com