Electronic Components Datasheet Search
  English  ▼

X  

9503 Datasheet(PDF) 6 Page - Abbatron All Rights Reserved

Part # 9503
Description  Premier Supplier of Electronic Hardware
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABBATRON [Abbatron All Rights Reserved]
Direct Link  https://www.abbatron.com/
Logo ABBATRON - Abbatron All Rights Reserved

9503 Datasheet(HTML) 6 Page - Abbatron All Rights Reserved

Back Button 9503 Datasheet HTML 2Page - Abbatron All Rights Reserved 9503 Datasheet HTML 3Page - Abbatron All Rights Reserved 9503 Datasheet HTML 4Page - Abbatron All Rights Reserved 9503 Datasheet HTML 5Page - Abbatron All Rights Reserved 9503 Datasheet HTML 6Page - Abbatron All Rights Reserved 9503 Datasheet HTML 7Page - Abbatron All Rights Reserved 9503 Datasheet HTML 8Page - Abbatron All Rights Reserved 9503 Datasheet HTML 9Page - Abbatron All Rights Reserved 9503 Datasheet HTML 10Page - Abbatron All Rights Reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 60 page
background image
Custom Capabilities
4
HH Smith
Machining Capability
Up to 2” diameter barstock. 10 &
12-axis Swiss style turning, with live
tooling, to .812” diameter. Tolerances to
+/- .00020”. Hexagon, square, and special shapes
are also accommodated.
Materials
Steel, Stainless Steel, Titanium, Copper, Brass,
Aluminum and Plastics. We are experienced with a
wide variety of material and special requirements of each.
Order Quantities
We welcome orders for quantities in the 500 to
1,000,000+ range. Smaller quantities of prototypes
may be produced for first time orders.
Lean Manufacturing
Lean Manufacturing allows us to offer
Just-In-Time programs and work seamlessly
with your Lean Operations.
Quality Assurance
Our Quality Assurance Program is utilized
throughout every step in the manufacturing process.
From the receipt of your purchase order to the shipment
leaving our dock, every aspec of quality is controlled. Due to
our consistent quality, several ISO 9000 compliant customers
have reduced and even eliminated their
incoming inspection of our products.
Engineering Assistance
Design engineering assistance is available. Because
we have a unique perspective to the design of your
components we have often been asked to assist in
this area. Many times consideration is given to functionality
without considering how economically the part may be
manufactured. We have the capability to assist your
engineers with problem solving and design development
often resulting in reduced costs and improved quality.
Secondary Operation
In-House Secondary Operation
capabilities includes milling, drilling,
threading, stamping, over-molding and
assembling. In addition to conventional
machinery, several custom built machines are utilized
to accurately and efficiently complete a variety of
demanding operations.
Plating and Heat Treating requirements
are easily accommodated. Working with proven vendors, we
are able to provide these additional services to our customers.
Abbatron
632 Arch Street
Meadville, PA 16335
Tel: 814-724-6440
Fax: 814-333-1912
email - sales@abbatron.com
www.abbatron.com
Contact our Sales Department at 1-888-847-6484



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com