Electronic Components Datasheet Search
  English  ▼

X  

9503 Datasheet(PDF) 54 Page - Abbatron All Rights Reserved

Part # 9503
Description  Premier Supplier of Electronic Hardware
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABBATRON [Abbatron All Rights Reserved]
Direct Link  https://www.abbatron.com/
Logo ABBATRON - Abbatron All Rights Reserved

9503 Datasheet(HTML) 54 Page - Abbatron All Rights Reserved

Back Button 9503 Datasheet HTML 50Page - Abbatron All Rights Reserved 9503 Datasheet HTML 51Page - Abbatron All Rights Reserved 9503 Datasheet HTML 52Page - Abbatron All Rights Reserved 9503 Datasheet HTML 53Page - Abbatron All Rights Reserved 9503 Datasheet HTML 54Page - Abbatron All Rights Reserved 9503 Datasheet HTML 55Page - Abbatron All Rights Reserved 9503 Datasheet HTML 56Page - Abbatron All Rights Reserved 9503 Datasheet HTML 57Page - Abbatron All Rights Reserved 9503 Datasheet HTML 58Page - Abbatron All Rights Reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 60 page
background image
52
Phenolic Spacers
O.D.
#2
#4
#6
#8
#10
3/16
8040A
8041A
1/4
8140
8141
5/16
8042A
8043A
3/16
8040B
8041B
1/4
8143
8144
5/16
8042B
8043B
3/16
8040C
8041C
1/4
8146
8147
5/16
8042C
8043C
3/16
8040D
8041D
1/4
8149
8150
5/16
8042D
8043D
3/16
8040E
8041E
1/4
8152
8153
5/16
8042E
8043E
3/16
8040F
8041F
1/4
8155
8156
5/16
8042F
8043F
3/16
8040G
8041G
1/4
8158
8159
5/16
8042G
8043G
3/16
8040H
8041H
1/4
8161
8162
5/16
8042H
8043H
3/16
8040J
8041J
1/4
8164
8165
5/16
8042J
8043J
3/16
8040K
8041K
1/4
8167
8168
5/16
8042K
8043K
3/16
8040L
8041L
1/4
8170
8171
5/16
8042L
8043L
3/16
8040M
8041M
1/4
8173
8174
5/16
8042M
8043M
3/16
8040N
8041N
1/4
8176
8177
5/16
8042N
8043N
3/16
8040P
8041P
1/4
8179
8180
5/16
8042P
8043P
3/16
8040Q
8041Q
1/4
8182
8183
5/16
8042Q
8043Q
.625
5/8
.687
11/16
.500
1/2
.562
9/16
.375
3/8
.437
7/16
LENGTH
.250
1/4
.312
5/16
.125
1/8
.187
3/16
.750
3/4
.812
13/16
1.000
1
.875
7/8
.937
15/16
Phenolic: are made from paper-base, resin impregnated,
heat-cured materials. High torque should not be applied to these
spacers. They are the insulating spacer of choice when higher
temperatures are encountered than can be withstood by nylon,
or where greater strength without cold-flow is required.
• Parts are offered only as a spacer, non-threaded.
HH Smith
SCREW NO.
MAJOR DIA.
HOLE SIZE
#2
0.086
0.093
#3
0.099
0.100
#4
0.112
0.120
#5
0.125
0.130
#6
0.138
0.144
#8
0.164
0.169
#10
0.190
0.196
#12
0.216
0.220



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com