Electronic Components Datasheet Search
  English  ▼

X  

HSHCAD140A Datasheet(PDF) 20 Page - ALPS ELECTRIC CO.,LTD.

Part # HSHCAD140A
Description  Digital Humidity Sensor
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

HSHCAD140A Datasheet(HTML) 20 Page - ALPS ELECTRIC CO.,LTD.

Back Button HSHCAD140A Datasheet HTML 14Page - ALPS ELECTRIC CO.,LTD. HSHCAD140A Datasheet HTML 15Page - ALPS ELECTRIC CO.,LTD. HSHCAD140A Datasheet HTML 16Page - ALPS ELECTRIC CO.,LTD. HSHCAD140A Datasheet HTML 17Page - ALPS ELECTRIC CO.,LTD. HSHCAD140A Datasheet HTML 18Page - ALPS ELECTRIC CO.,LTD. HSHCAD140A Datasheet HTML 19Page - ALPS ELECTRIC CO.,LTD. HSHCAD140A Datasheet HTML 20Page - ALPS ELECTRIC CO.,LTD. HSHCAD140A Datasheet HTML 21Page - ALPS ELECTRIC CO.,LTD. HSHCAD140A Datasheet HTML 22Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 20 / 22 page
background image
3-12-2. 外装箱への収納
Storage in outer carton
①. 製品収納数は、500pcs x 2Bag = 1,000pcs (総重量 3,000g)
Two packing storage to one carton.
The number of Products maximum storage is 500pcs x 2Bag = 1,000pcs. (3,000g)
Total Packaging weight: 3,000g
②. 隙間が生じる場合は緩衝材を詰め、ガタツキの無いようにする。
The buffer material of the cardboard material etc. is stuffs into the gap,
and the Products is prevented from moving.
③. 箱のサイズ  The size of the carton.
360 x 240 x252 [mm]
④. 出荷ラベルは、箱の長手面に貼付する。
The shipment label is stuck on the direction of the carton of the length side.
Digital Humidity Sensor
20 / 22
HSHCAD140A Datasheet
Rev.00
Apr/13/2021
(/)
3
(/)
4
(/)
11
(/)
5
(/)
8
(/)
9
(/)
10
(/)
2
(/)
7
ALPS ELECTRIC CO.,LTD.
ALPS ELECTRIC CO.,LTD.
ALPS ELECTRIC CO.,LTD.
ALPS ELECTRIC CO.,LTD.
ALPS ELECTRIC CO.,LTD.
ALPS ELECTRIC CO.,LTD.
ALPS ELECTRIC CO.,LTD.
ALPS ELECTRIC CO.,LTD.
ALPS ELECTRIC CO.,LTD. (/)
6
ALPS ELECTRIC CO.,LTD.
Confidential
外装箱 Cardboard box



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com