Electronic Components Datasheet Search
  English  ▼

X  

HSHCAD140A Datasheet(PDF) 4 Page - ALPS ELECTRIC CO.,LTD.

Part # HSHCAD140A
Description  Digital Humidity Sensor
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

HSHCAD140A Datasheet(HTML) 4 Page - ALPS ELECTRIC CO.,LTD.

  HSHCAD140A Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. HSHCAD140A Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. HSHCAD140A Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. HSHCAD140A Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. HSHCAD140A Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD. HSHCAD140A Datasheet HTML 6Page - ALPS ELECTRIC CO.,LTD. HSHCAD140A Datasheet HTML 7Page - ALPS ELECTRIC CO.,LTD. HSHCAD140A Datasheet HTML 8Page - ALPS ELECTRIC CO.,LTD. HSHCAD140A Datasheet HTML 9Page - ALPS ELECTRIC CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
3-1. 電気的仕様
Electrical specifications
Table 1. 電気的仕様 Electrical specifications
使用条件
Operating conditions
相対湿度出力
Relative Humidity
温度出力
Temperature
*Typicalセンサ出力 : Typical output of sensor
Humidity output [LSB]
= (2^16-1) × Humidity[%RH] / 100
Temperature output [LSB] = (45 + Temperature[degC]) × (2^16-1) / 175
*スレーブアドレス Slave Address
スレーブアドレスは "1000101" (45h)で設定
I2C slave address (SADR) is defined as "1000101" (45h).
I
2C通信速度
I
2C Communication rate
Crat
[MHz]
-
-
消費電流
Current consumption
idd
[μA]
-
600
-
測定時間
Measurement Time
Tmeas
[msec]
-
12.5
15
出力誤差
Offset tolerance
Hoff
[%RH]
-4.5
0
+4.5
60%RH
T=25degC
Response time
Re
[sec]
-
51
応答速度
-
t=90%
30%RH-90%RH
3.4
湿度検出出力(60)%RH
H60
[LSB]
36372
動作温度
Operating temperature
供給電源電圧
Supply voltage
+85
VDD
[V]
2.15
3.3
5.5
Topr
[degC]
-25
-
39321
42270
Vdd=5V , T=25degC
Humidity output at (60)%RH
±2000
HBM
Hrng
[%RH]
0
-
+100
湿度検出領域
Humidity range
耐電圧
ESD
Vh
[V]
-
-
Digital Humidity Sensor
4 / 22
HSHCAD140A Datasheet
Rev.00
Apr/13/2021
Notes
Symbol
Unit.
Specification
min.
Typ.
max.
環境条件 Environmental conditions
定格電源電圧
Absolute limits supply voltage
Vlim
[V]
-0.3
-
+6.0
Item
+100
結露無きこと
No condensation
保管温度
Storage temperature
Tstr
[degC]
-40
-
+85
保管湿度
Storage Humidity
Hstr
[%RH]
0
検出可能 温度範囲
Operating Range
Top
[degC]
-25
-
85
温度検出 出力
Temperature output
To
[LSB]
25652
26214
26776
Vdd=5V , T=25degC
出力誤差
Offset tolerance
Toff
[degC]
-1.0
0
+1.0
Vdd=5V , T=25degC
応答速度
Re
[sec]
-
47
-
τ63%
Response time
(/)
3
(/)
4
(/)
11
(/)
5
(/)
8
(/)
9
(/)
10
(/)
2
(/)
7
ALPS ELECTRIC CO.,LTD.
ALPS ELECTRIC CO.,LTD.
ALPS ELECTRIC CO.,LTD.
ALPS ELECTRIC CO.,LTD.
ALPS ELECTRIC CO.,LTD.
ALPS ELECTRIC CO.,LTD.
ALPS ELECTRIC CO.,LTD.
ALPS ELECTRIC CO.,LTD.
ALPS ELECTRIC CO.,LTD.
(/)
6
ALPS ELECTRIC CO.,LTD.
Confidential



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com