Electronic Components Datasheet Search
  English  ▼

X  

ADRF5030 Datasheet(PDF) 4 Page - Analog Devices

Part # ADRF5030
Description  100 MHz to 20 GHz, Non-Reflective, Silicon SPDT Switch
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5030 Datasheet(HTML) 4 Page - Analog Devices

  ADRF5030 Datasheet HTML 1Page - Analog Devices ADRF5030 Datasheet HTML 2Page - Analog Devices ADRF5030 Datasheet HTML 3Page - Analog Devices ADRF5030 Datasheet HTML 4Page - Analog Devices ADRF5030 Datasheet HTML 5Page - Analog Devices ADRF5030 Datasheet HTML 6Page - Analog Devices ADRF5030 Datasheet HTML 7Page - Analog Devices ADRF5030 Datasheet HTML 8Page - Analog Devices ADRF5030 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Data Sheet
ADRF5030
SPECIFICATIONS
analog.com
Rev. 0 | 4 of 13
Table 1. Electrical Characteristics (Continued)
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
Hot Switching
RF signal is applied to RFC or RFx while switching in
between RF1/RF2.
Average
33
dBm
Peak, Pulse
36
dBm
Case Temperature
TCASE
−40
+105
°C
1 For input linearity performance over frequency, see Figure 12 to Figure 15.
2 For power derating over frequency, see the Power Derating Curves section.
3 For 105°C operation, the power handling degrades from the TCASE = 85°C specification by 3 dB.
4 Peak: ( ≤100 ns pulse duration, 5% duty cycle).
5 Pulse: (>100 ns pulse duration, 15% duty cycle).
SINGLE-SUPPLY OPERATION
VDD = 3.3 V, VSS = 0, VCTRL = 0 V or VDD, TCASE = 25°C for 50 Ω system, unless otherwise noted.
Table 2. Single-Supply Operational Specifications
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
FREQUENCY RANGE
f
0.1
20
GHz
SWITCHING CHARACTERISTICS
Rise and Fall Time
tRISE, tFALL
10% to 90% of RF output
110
ns
On and Off Time
tON, tOFF
50% VCTRL to 90% of RF output
230
ns
Settling Time (0.1 dB)
50% VCTRL to 0.1 dB of final RF output
250
ns
INPUT LINEARITY
f = 0.1 GHz to 20 GHz
Input Compression
P0.1dB
22
dBm
Third-Order Intercept
IP3
Two-tone input power = 6 dBm each tone, f = 0.1
GHz to 20 GHz, Δf = 1 MHz
52
dBm
RECOMMENDED OPERATING CONDITONS
RF Input Power
PIN
f = 0.1 GHz to 20 GHz, TCASE = 85°C
Through Path
RF signal is applied to RFC or through connected
to RFx.
22
dBm
Terminated Path
RF signal is applied to unselected RFx (terminated
within internal resistor).
22
dBm
Hot Switching
RF signal is applied to RFC or RFx while switching
in between RF1/RF2.
22
dBm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com