Electronic Components Datasheet Search
  English  ▼

X  

ADRF5030 Datasheet(PDF) 12 Page - Analog Devices

Part # ADRF5030
Description  100 MHz to 20 GHz, Non-Reflective, Silicon SPDT Switch
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5030 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADRF5030 Datasheet HTML 5Page - Analog Devices ADRF5030 Datasheet HTML 6Page - Analog Devices ADRF5030 Datasheet HTML 7Page - Analog Devices ADRF5030 Datasheet HTML 8Page - Analog Devices ADRF5030 Datasheet HTML 9Page - Analog Devices ADRF5030 Datasheet HTML 10Page - Analog Devices ADRF5030 Datasheet HTML 11Page - Analog Devices ADRF5030 Datasheet HTML 12Page - Analog Devices ADRF5030 Datasheet HTML 13Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
Data Sheet
ADRF5030
APPLICATIONS INFORMATION
analog.com
Rev. 0 | 12 of 13
The ADRF5030 has two power-supply pins (VDD and VSS) and two
control pins (EN, CTRL). Figure 16 shows the external components
and connections for the supply pin. The VDD and VSS pins are
decoupled with a 100 pF capacitor. The device pinout allows the
placement of the decoupling capacitors close to the device. No
other external components are needed for bias and operation,
except DC-blocking capacitors on the RF pins when the RF lines
are biased at a voltage other than 0 V. See Table 6 for details.
Figure 16. Recommended Schematic
RECOMMENDATIONS FOR PRINTED CIRCUIT
BOARD DESIGN
The RF ports are matched to 50 Ω internally and the pinout is
designed to mate a coplanar waveguide (CPWG) with 50 Ω charac-
teristic impedance on the PCB. Figure 17 shows the referenced
CPWG RF trace design for an RF substrate with 8 mil thick Rogers
RO4003C dielectric material. RF trace with 14 mil width and 7 mil
clearance is recommended for 1.5 mil finished copper thickness.
Figure 17. Example PCB Stack-up
Figure 18 shows the routing of the RF traces, supply, and control
signals from the device. The ground planes are connected with
densely filled vias for optimal RF and thermal performance. The
primary thermal path for the device is the bottom side.
Figure 18. PCB Layout
Figure 19 shows the recommended layout from the device RF
pins to the 50 Ω CPWG on the referenced stack-up. PCB pads
are drawn 1:1 to device pads. The ground pads are drawn solder
mask defined and the signal pads are drawn as pad defined. The
RF trace from the PCB pad is extended with the same width to
the package edge and tapered to RF trace. The paste mask is
designed to match the device pads without any aperture reduction.
The paste mask is divided into multiple openings for the paddle.
Figure 19. Recommended RF Pin Transition
For alternate PCB stack-ups with different dielectric thickness and
RF trace design, contact Analog Devices Technical Support for
further recommendations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com