Electronic Components Datasheet Search
  English  ▼

X  

ADRF5030 Datasheet(PDF) 1 Page - Analog Devices

Part # ADRF5030
Description  100 MHz to 20 GHz, Non-Reflective, Silicon SPDT Switch
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5030 Datasheet(HTML) 1 Page - Analog Devices

  ADRF5030 Datasheet HTML 1Page - Analog Devices ADRF5030 Datasheet HTML 2Page - Analog Devices ADRF5030 Datasheet HTML 3Page - Analog Devices ADRF5030 Datasheet HTML 4Page - Analog Devices ADRF5030 Datasheet HTML 5Page - Analog Devices ADRF5030 Datasheet HTML 6Page - Analog Devices ADRF5030 Datasheet HTML 7Page - Analog Devices ADRF5030 Datasheet HTML 8Page - Analog Devices ADRF5030 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Data Sheet
ADRF5030
100 MHz to 20 GHz, Non-Reflective, Silicon SPDT Switch
Rev. 0
DOCUMENT FEEDBACK
TECHNICAL SUPPORT
Information furnished by Analog Devices is believed to be accurate and reliable "as is". However, no responsibility is assumed by Analog
Devices for its use, nor for any infringements of patents or other rights of third parties that may result from its use. Specifications subject to
change without notice. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
FEATURES
►
Wideband frequency range, 100 MHz to 20 GHz
►
Non-reflective 50 Ω design
►
Low insertion loss
►
0.7 dB typical between 0.1 GHz to 6 GHz
►
0.9 dB typical between 6 GHz to 12 GHz
►
1.2 dB typical up to 20 GHz
►
High isolation
►
55 dB typical between 100 MHz to 6 GHz
►
50 dB typical between 6 GHz to 12 GHz
►
45 dB typical up to 20 GHz
►
High input linearity
►
P0.1dB: >36 dBm typical
►
IP3: >60 dBm typical
►
High RF power handling
►
Through path: 36 dBm peak/33 dBm average
►
Terminated path: 36 dBm peak/33 dBm average
►
Hot switching: 36 dBm peak/33 dBm average
►
CMOS/LVTTL compatible
►
No low-frequency spur; no negative voltage generator
►
RF switching time: 70 ns
►
RF settling time (0.1 dB): 95 ns
►
Single-supply operation capability (VDD = 3.3 V, VSS = 0 V)
►
20-terminal, 3 mm × 3 mm, LGA package
►
Pin compatible with ADRF5022 and ADRF5026
APPLICATIONS
►
Test instrumentation
►
Military radios, radars, electronic counter measures (ECMs)
►
Microwave radios and very small aperture terminals (VSATs)
FUNCTIONAL BLOCK DIAGRAM
Figure 1. Functional Block Diagram
GENERAL DESCRIPTION
The ADRF5030 is a non-reflective, single-pole double-throw
(SPDT) switch manufactured using the silicon on insulator (SOI)
process. The ADRF5030 operates from 100 MHz to 20 GHz with
insertion loss of lower than 1.2 dB and isolation of higher than
45 dB. The device has an RF input power handling capability of
33 dBm average/36 dBm peak for both RFC and RFx through
paths, termination paths, and hot switching for both RFC and
RFx ports. The ADRF5030 operates with dual-supply voltages
of ±3.3 V. The ADRF5030 employs complementary metal-oxide
semiconductor (CMOS) and low-voltage transistor to transistor logic
(LVTTL)-compatible control.
The ADRF5030 can also operate with a single positive supply volt-
age (VDD) applied while the negative supply voltage (VSS) is tied to
ground. In this operating condition, the small signal performance is
maintained while the switching characteristics, linearity, and power
handling performance are derated. See Table 2 for more details.
The ADRF5030 is pin compatible with the ADRF5022 and
ADRF5026, and also pin compatible with ADRF5031, a slow-
switching, low cut-off version, which operates between 9 kHz to
20 GHz.
The ADRF5030 is packaged in a 20-terminal, 3 mm × 3 mm,
RoHS-compliant, land grid array (LGA). The ADRF5030 operates
from −40°C to +105°C.


Similar Part No. - ADRF5030

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADRF5031 AD-ADRF5031 Datasheet
597Kb / 12P
9 kHz to 20 GHz, Nonreflective, Silicon SPDT Switch
Rev. 0
ADRF5031 AD-ADRF5031 Datasheet
597Kb / 12P
9 kHz to 20 GHz, Nonreflective, Silicon SPDT Switch
Rev. A
ADRF5031-EVALZ AD-ADRF5031-EVALZ Datasheet
597Kb / 12P
9 kHz to 20 GHz, Nonreflective, Silicon SPDT Switch
Rev. 0
ADRF5031BCCN AD-ADRF5031BCCN Datasheet
597Kb / 12P
9 kHz to 20 GHz, Nonreflective, Silicon SPDT Switch
Rev. 0
ADRF5031BCCN-R7 AD-ADRF5031BCCN-R7 Datasheet
597Kb / 12P
9 kHz to 20 GHz, Nonreflective, Silicon SPDT Switch
Rev. 0
More results

Similar Description - ADRF5030

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
FMS2027 FILTRONIC-FMS2027 Datasheet
146Kb / 4P
DC-20 GHZ MMIC SPDT NON-REFLECTIVE SWITCH
logo
Hittite Microwave Corpo...
HMC347 HITTITE-HMC347_07 Datasheet
204Kb / 6P
GaAs MMIC SPDT NON-REFLECTIVE SWITCH, DC - 20 GHz
HMC-C011 HITTITE-HMC-C011_1 Datasheet
233Kb / 6P
GaAs MMIC SPDT NON-REFLECTIVE SWITCH, DC - 20 GHz
HMC347 HITTITE-HMC347_09 Datasheet
214Kb / 6P
GaAs MMIC SPDT NON-REFLECTIVE SWITCH, DC - 20 GHz
HMC547LP3E HITTITE-HMC547LP3E Datasheet
743Kb / 6P
GaAs MMIC SPDT NON-REFLECTIVE SWITCH, DC - 20 GHz
logo
Custom MMIC Design Serv...
CMD195 MMIC-CMD195 Datasheet
210Kb / 9P
DC-20 GHz SPDT Non-reflective Switch
logo
Analog Devices
ADRF5024 AD-ADRF5024 Datasheet
432Kb / 13P
Silicon SPDT Switch, Reflective, 100 MHz to 44 GHz
8/2020-Rev. B to Rev. C
HMC547ALP3E AD-HMC547ALP3E Datasheet
403Kb / 6P
GaAs MMIC SPDT NON-REFLECTIVE SWITCH, DC - 20 GHz
ADH347S AD-ADH347S Datasheet
218Kb / 7P
DC to 14 GHz SPDT Non-Reflective Switch
Rev. A
ADRF5080 AD-ADRF5080 Datasheet
2Mb / 15P
Reflective, Silicon SP8T Switch, 100 MHz to 20 GHz
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com