Electronic Components Datasheet Search
  English  ▼

X  

AD4052 Datasheet(PDF) 32 Page - Analog Devices

Part # AD4052
Description  Compact, Low Power, 16-Bit, 2 MSPS/500 kSPS Easy Drive SAR ADC
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4052 Datasheet(HTML) 32 Page - Analog Devices

Back Button AD4052 Datasheet HTML 28Page - Analog Devices AD4052 Datasheet HTML 29Page - Analog Devices AD4052 Datasheet HTML 30Page - Analog Devices AD4052 Datasheet HTML 31Page - Analog Devices AD4052 Datasheet HTML 32Page - Analog Devices AD4052 Datasheet HTML 33Page - Analog Devices AD4052 Datasheet HTML 34Page - Analog Devices AD4052 Datasheet HTML 35Page - Analog Devices AD4052 Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 66 page
background image
Data Sheet
AD4052/AD4058
MODES OF OPERATION
analog.com
Rev. B | 32 of 66
BURST AVERAGING MODE
In burst averaging mode, a rising edge of the CNV signal triggers
the internal timer to perform a burst of conversions for the aver-
aging filter to accumulate and generate a 20-bit averaged result.
Table 16 lists the configuration register settings to select burst
averaging mode. Figure 53 shows a typical connection diagram for
the AD4052/AD4058 digital interface that includes a recommended
200 Ω series resistor close to the CNV pin.
Figure 54 shows an interface timing diagram for burst averaging
mode. All timing specifications in Figure 54 are given in the Timing
Specifications section. The ADC sampling period (tCYC) is set by the
internal timer frequency (fOSC) and the number of samples per burst
is set by the averaging ratio (NAVG). Table 44 lists the options for
fOSC. The averaging filter supports averaging ratios from 2 to 4096
and is set by the AVG_WIN_LEN bit field, as described in the Block
Averaging Filter section.
The digital host must wait for the averaged result to be ready before
asserting CS to start an SPI frame. The RDY signal acts as an
optional hardware interrupt to synchronize the SPI reads to the
ADC sampling phases (see the Data Ready Signal section). The
total latency between the CNV rising edge and data ready is given
by the following equation:
NAVG−1
fOSC
+tCONV
(5)
To ensure optimal performance, the digital host must also observe
the tQUIET specification that defines the minimum delay between the
final SCLK falling edge and the next CNV rising edge.
By default, the burst averaging mode output are 24-bits long, in-
cluding the 20-bit averaged ADC data with 4-bits of sign extension.
Burst averaging mode also offers an optional sign extension byte
and CRC byte that can be appended to the 24-bit data. See the
ADC Mode Output Data Format section for details on the burst
averaging mode SDO data formatting options.
When the DEV_EN signal is enabled, the start of the burst of con-
versions is delayed by the programmable tPWR_ON delay, relative to
the CNV rising edge. The DEV_EN signal remains asserted until
the end of the burst of samples. See the Device Enable Signal
section and Figure 57 for specific timing details when using the
DEV_EN signal.
Figure 53. Burst Averaging Mode Example Connection Diagram
Figure 54. Burst Averaging Mode Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com