Electronic Components Datasheet Search
  English  ▼

X  

AD4052 Datasheet(PDF) 18 Page - Analog Devices

Part # AD4052
Description  Compact, Low Power, 16-Bit, 2 MSPS/500 kSPS Easy Drive SAR ADC
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4052 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD4052 Datasheet HTML 14Page - Analog Devices AD4052 Datasheet HTML 15Page - Analog Devices AD4052 Datasheet HTML 16Page - Analog Devices AD4052 Datasheet HTML 17Page - Analog Devices AD4052 Datasheet HTML 18Page - Analog Devices AD4052 Datasheet HTML 19Page - Analog Devices AD4052 Datasheet HTML 20Page - Analog Devices AD4052 Datasheet HTML 21Page - Analog Devices AD4052 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 66 page
background image
Data Sheet
AD4052/AD4058
THEORY OF OPERATION
analog.com
Rev. B | 18 of 66
Figure 36. AD4052/AD4058 Functional Block Diagram
OVERVIEW
The AD4052/AD4058 are compact, ultra-low power, 16-bit, Easy
Drive SAR ADCs. The AD4052/AD4058 feature set eases the de-
sign of low-power precision measurement systems by reducing the
AFE design constraints and minimizing the digital host overhead.
The low input capacitance and wide common-mode input range
broaden the selection of compatible AFE components, allowing
for simpler and lower power signal chain solutions. The block
averaging filter provides noise reduction while offloading computa-
tions from the host processor. The internal timer block enables
autonomous monitoring modes, burst sampling, and device power
cycling controls synchronized to the ADC sampling instant. The
CHOP signal can be used as the control signal for an auto-zero
amplifier that employs chopping in applications that require very
low 1/f noise and offset error. Various hardware interrupts allow the
digital host to sleep between user-defined events.
The AD4052/AD4058 offer a unique balance of performance and
power efficiency, with 86.1 dB of SNR and guaranteed INL of ±0.5
LSBs at only 1.35 nJ per conversion. The AD4052 only consumes
2.7 mW at 2 MSPS and the AD4058 only consumes 0.68 mW at
500 kSPS when operated on a single 3.3 V supply. The power
dissipation scales linearly with sample rate for both the AD4052 and
the AD4058 (see Figure 27). The devices consume 4.1 μW standby
power while not performing conversions. A sleep mode is available
to further reduce standby power to 430 nW during long periods of
idle operation.
The AD4052/AD4058 feature 4-wire SPI with CRC for device con-
figuration and ADC data readback, and the SPI is compatible with
1.8 V to 3.3 V logic levels.
The AD4052/AD4058 have several operating modes, each opti-
mized for either high precision measurement or power-efficient
signal monitoring. The Theory of Operation section describes the
AD4052/AD4058 functional blocks, and the Modes of Operation
section describes the utilization of the functional blocks in each
operating mode. The Serial Interface section describes the SPI
protocols for accessing configuration registers and ADC data. The
Register Summary section documents the configuration registers.
CONVERTER OPERATION
The AD4052/AD4058 operate in two phases, the acquisition phase
and the conversion phase. In the acquisition phase, the internal
track-and-hold circuitry is connected to each input pin (IN+ and IN−)
and acquires the voltage on each pin independently. The AD4052/
AD4058 remain in the acquisition phase until the convert start
trigger occurs to initiate a conversion. At the start of the conversion
phase, the track-and-hold circuitry samples the acquired analog
input signal, and the SAR ADC core generates a corresponding
16-bit digital code. The conversion phase ends when the 16-bit
conversion result is ready, which is given by the tCONV specification
in Table 2. The AD4052/AD4058 acquisition and conversion phases
overlap to maximize acquisition time (tACQ).
In sample mode and averaging mode, the conversion phase is
started by a rising edge on the CNV pin. The AD4052/AD4058 offer
several modes where the convert start is triggered by an internal
oscillator instead, including the autonomous modes. Refer to the
Modes of Operation section for specific ADC timing information for
each of the relevant operating modes.
Transfer Function
Figure 37 shows the ideal transfer function of the AD4052/AD4058
SAR ADC cores. The AD4052/AD4058 encode the sampled voltage
difference between IN+ and IN− as a fraction of the full-scale range
(FSR) into a 16-bit digital code. The unit of 1 LSB refers to the
smallest discrete voltage step that can be resolved by the ADC and
is a function of the VREF voltage. In averaging and burst averaging
modes, the block averaging filter averages multiple 16-bit samples
into one 20-bit code. Table 11 and Table 12 summarize the mapping
of input voltages to digital output codes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com