Electronic Components Datasheet Search
  English  ▼

X  

AD4052 Datasheet(PDF) 8 Page - Analog Devices

Part # AD4052
Description  Compact, Low Power, 16-Bit, 2 MSPS/500 kSPS Easy Drive SAR ADC
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4052 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD4052 Datasheet HTML 4Page - Analog Devices AD4052 Datasheet HTML 5Page - Analog Devices AD4052 Datasheet HTML 6Page - Analog Devices AD4052 Datasheet HTML 7Page - Analog Devices AD4052 Datasheet HTML 8Page - Analog Devices AD4052 Datasheet HTML 9Page - Analog Devices AD4052 Datasheet HTML 10Page - Analog Devices AD4052 Datasheet HTML 11Page - Analog Devices AD4052 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 66 page
background image
Data Sheet
AD4052/AD4058
SPECIFICATIONS
analog.com
Rev. B | 8 of 66
Table 4. SPI Timing—Configuration Mode, VIO ≥ 1.71 V
Parameter1
Symbol
Min
Typ
Max
Unit
CS High Time
tCSH
15
ns
CS Falling Edge to SDO Valid
tEN
20
ns
CS Rising Edge to SDO High Impedance
tCSDIS
20
ns
SCLK Period
tSCLK
62.5
ns
SCLK Low Time
tSCLKL
25
ns
SCLK High Time
tSCLKH
25
ns
SDI Valid Setup Time Prior to SCLK Rising Edge (SDI Setup Time)
tSSDI
10
ns
SDI Valid Hold Time After SCLK Rising Edge (SDI Hold Time)
tHSDI
4
ns
SCLK Falling Edge to Data Remains Valid (SDO Hold Time)
tHSDO
2
ns
SCLK Falling Edge to Data Valid (SDO Valid Delay)
tDSDO
22
ns
Operating Mode Update Delay
tMODE
62.5
ns
Reset Delay
tRESET
5
ms
1 The tSCLK, tSCLKL, and tSCLKH specifications are production tested. All other timing specifications in this table are guaranteed by characterization and design.
Table 5. SPI Timing—ADC Modes, VIO ≥ 3.0 V
Parameter1
Symbol
Min
Typ
Max
Unit
CS Falling Edge to SDO Valid
tEN
8
ns
CS Rising Edge to SDO High Impedance
tCSDIS
8
ns
SCLK Period
tSCLK
12
ns
SCLK Low Time
tSCLKL
5.4
ns
SCLK High Time
tSCLKH
5.4
ns
SDI Valid Setup Time Prior to SCLK Rising Edge (SDI Setup Time)
tSSDI
4
ns
SDI Valid Hold Time After SCLK Rising Edge (SDI Hold Time)
tHSDI
2
ns
SCLK Falling Edge to Data Remains Valid (SDO Hold Time)
tHSDO
1.5
ns
SCLK Falling Edge to Data Valid (SDO Valid Delay)
tDSDO
8
ns
Exit Command to Register Access Delay
tCONFIG
8
ns
Reset Delay
tRESET
5
ms
1 The tSCLK, tSCLKL, and tSCLKH specifications are production tested. All other timing specifications in this table are guaranteed by characterization and design.
Table 6. SPI Timing—ADC Modes, VIO ≥ 1.71 V
Parameter1
Symbol
Min
Typ
Max
Unit
CS Falling Edge to SDO Valid
tEN
15
ns
CS Rising Edge to SDO High Impedance
tCSDIS
15
ns
SCLK Period
tSCLK
17
ns
SCLK Low Time
tSCLKL
7.5
ns
SCLK High Time
tSCLKH
7.5
ns
SDI Valid Setup Time Prior to SCLK Rising Edge (SDI Setup Time)
tSSDI
5
ns
SDI Valid Hold Time After SCLK Rising Edge (SDI Hold Time)
tHSDI
4
ns
SCLK Falling Edge to Data Remains Valid (SDO Hold Time)
tHSDO
1.5
ns
SCLK Falling Edge to Data Valid (SDO Valid Delay)
tDSDO
15
ns
Exit Command to Register Access Delay
tCONFIG
15
ns
Reset Delay
tRESET
5
ms
1 The tSCLK specification is production tested. All other timing specifications in this table are guaranteed by characterization and design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com