Electronic Components Datasheet Search
  English  ▼

X  

AD5778R Datasheet(PDF) 4 Page - Analog Devices

Part # AD5778R
Description  2-Channel, 300 mA Current Source Output 16-Bit SoftSpan DAC
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5778R Datasheet(HTML) 4 Page - Analog Devices

  AD5778R Datasheet HTML 1Page - Analog Devices AD5778R Datasheet HTML 2Page - Analog Devices AD5778R Datasheet HTML 3Page - Analog Devices AD5778R Datasheet HTML 4Page - Analog Devices AD5778R Datasheet HTML 5Page - Analog Devices AD5778R Datasheet HTML 6Page - Analog Devices AD5778R Datasheet HTML 7Page - Analog Devices AD5778R Datasheet HTML 8Page - Analog Devices AD5778R Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
Data Sheet
AD5778R
SPECIFICATIONS
analog.com
Rev. 0 | 4 of 26
Table 1. Specifications (Continued)
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
VREF Temperature Coefficient9
−10
±3
+10
ppm/°C
VREF Line Regulation
VCC = 5 V ± 10%
50
µV/V
VREF Short-Circuit Current
VCC = 5.5 V, forcing output to GND
2.5
mA
REFCOMP Pin Short-Circuit Current
VCC = 5.5 V, forcing output to GND
65
µA
VREF Load Regulation
VCC = 5 V ± 10%, reference current (IREF) = 100 µA
sourcing
140
mV/mA
VREF Output Voltage Noise Density
REFCOMP pin capacitance (CREFCOMP) = REF pin
capacitance (CREF) = 0.1 µF, at f = 10 kHz
32
nV/√Hz
External Reference Mode
Reference Input Voltage
REFCOMP pin is tied to GND
1.225
1.275
V
Input Current
0.001
1
µA
Input Capacitance10
40
pF
Full-Scale Adjust Resistor
RFSADJ
RFSADJ to GND
19
20
50
kΩ
DIGITAL INPUT AND OUTPUT
Digital Output High Voltage
VOH
SDO pin, load current = −100 µA
IOVCC − 0.2
V
Digital Output Low Voltage
VOL
SDO pin, load current = 100 µA
0.2
V
FAULT pin, load current = 100 µA
0.2
V
Digital High-Z Output Leakage Current
SDO pin leakage current (CS/LD high)
−1
+1
µA
FAULT pin leakage current (not asserted)
1
µA
Digital Input Current
Input voltage (VIN) = GND to IOVCC
−1
+1
µA
Digital Input Capacitance10
CIN
8
pF
High-Level Input Voltage
VIH
2.85 ≤ IOVCC ≤ VCC
0.8 × IOVCC
V
1.71 ≤ IOVCC ≤ 2.85
0.8 × IOVCC
V
Low-Level Input Voltage
VIL
2.85 ≤ IOVCC ≤ VCC
0.5
V
1.71 ≤ IOVCC ≤ 2.85
0.3
V
POWER SUPPLY
Analog Supply Voltage
VCC
VCC must not exceed V+
2.85
5.5
V
Digital Input and Output Supply Voltage
IOVCC
1.71
VCC
V
Negative Supply
V−
−15.75
0
V
Positive Supply
V+
2.85
V– + 33 V
Output Supply Voltages
VDDx
2.85
V+
V
VCC Supply Current
All ranges (code = 0, all channels)
2.6
3.8
mA
IOVCC Supply Current
All ranges (code = 0, all channels)
0.01
1
µA
V+ Supply Current
All ranges (code = 0, all channels)
385
500
μA
V− Supply Current
All ranges (code = 0, all channels)
2.3
3.2
mA
VDDx Supply Current
All ranges (code = 0, per channel)
0.7
1.2
mA
25 mA range (code = full-scale, per channel)11
26.5
27.6
mA
200 mA range (code = full-scale, per channel)
204
207
mA
VCC Shutdown Current12, 13
ISLEEP
1
10
μA
IOVCC Shutdown Current
0.01
1
μA
V+ Shutdown Current
20
36
μA
V− Shutdown Current
30
59
μA
VDDx Shutdown Current
Per channel
4.2
8.1
μA
MONITOR MULTIPLEXER
MUX Pin DC Output Impedance
15
kΩ
MUX Pin Leakage Current
Monitor multiplexer disabled (high impedance)
−1
+0.1
+1
μA
MUX Pin Output Voltage Range
Monitor multiplexer selected to OUT0 pin voltage or OUT1
pin voltage
V−
V+
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com