Electronic Components Datasheet Search
  English  ▼

X  

ARC241 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # ARC241
Description  Array chip resistors size 4 X 0603
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ARC241 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  ARC241 Datasheet HTML 1Page - List of Unclassifed Manufacturers ARC241 Datasheet HTML 2Page - List of Unclassifed Manufacturers ARC241 Datasheet HTML 3Page - List of Unclassifed Manufacturers ARC241 Datasheet HTML 4Page - List of Unclassifed Manufacturers ARC241 Datasheet HTML 5Page - List of Unclassifed Manufacturers ARC241 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
TESTS AND REQUIREMENTS
Essentially all tests are carried out in accordance with the schedule of
“IEC publication 60 115-8”, category LCT/UCT/56 (rated temperature
range: Lower Category Temperature, Upper Category Temperature;
damp heat, long term, 56 days). The testing also covers the requirements
specified by EIA and EIAJ.
The tests are carried out in accordance with IEC publication 60 068,
“Recommended basic climatic and mechanical robustness testing
procedure for electronic components” and under standard atmospheric
conditions according to
“IEC 60068-1”, subclause 5.3.
Unless otherwise specified the following values apply:
Temperature: 15
°Cto35 °C
Relative humidity: 25% to 75%
Air pressure: 86 kPa to 106 kPa (860 mbar to 1060 mbar).
In Table 4 the tests and requirements are listed with reference to the
relevant clauses of
“IEC publications 60 115-8 and 60068”; a short
description of the test procedure is also given.
In some instances deviations from the IEC recommendations were
necessary for our method of specifying.
All soldering tests are performed with mildly activated flux.
Table 4
Test procedures and requirements
IEC
60115-8
CLAUSE
IEC
60068-2
TEST
METHOD
TEST
PROCEDURE
REQUIREMENTS
ARC241
ARV241
ARC242
ARV242
Tests in accordance with the schedule of IEC publication 60115-8
4.4.1
visual examination
no holes; clean surface;
no visible damage
4.4.2
dimensions
(outline; see Fig.3)
gauge (mm)
see Table 3
−
4.5
resistance
applied voltage (+0/
−10%):
R
− R
nom:
max.
±5%
R
− R
nom:
max.
±1%
R
− R
nom:
max.
±5%
10
Ω ≤ R < 100 Ω: 0.3 V
100
Ω ≤ R<1kΩ:1V
1k
Ω ≤ R < 10 kΩ:3V
10 k
Ω ≤ R < 100 kΩ:10V
100 k
Ω ≤ R<1MΩ:25V
R
≥ 1MΩ:50V
4.18
20 (Tb)
resistance to
soldering heat
unmounted chips; 10
±1s;260 ±5 °C
no visible damage
∆R/R max.: ±(0.5% +0.05 Ω)
∆R/R max.:
±(1% +0.05 Ω)
4.29
45 (Xa)
component solvent
resistance
isopropyl alcohol or H2O followed by
brushing in accordance with
“MIL 202 F”
no visible damage
4.17
20 (Ta)
solderability
unmounted chips completely immersed for
2
±0.5 s in a solder bath at 235 ±2 °C
good tinning (
≥95% covered);
no visible damage



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com