Electronic Components Datasheet Search
  English  ▼

X  

ARC241 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # ARC241
Description  Array chip resistors size 4 X 0603
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ARC241 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  ARC241 Datasheet HTML 1Page - List of Unclassifed Manufacturers ARC241 Datasheet HTML 2Page - List of Unclassifed Manufacturers ARC241 Datasheet HTML 3Page - List of Unclassifed Manufacturers ARC241 Datasheet HTML 4Page - List of Unclassifed Manufacturers ARC241 Datasheet HTML 5Page - List of Unclassifed Manufacturers ARC241 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Other applicable tests
(JIS) C
5202 7.9
endurance
(under damp
and load)
1000 +48/
−0 hours; 40 ±2 °C;
93 +2
/−3% RH; loaded with Pn or Vmax;
1.5 hours on and 0.5 hours off
∆R/R max.:
±(3% +0.1 Ω)
∆R/R max.:
±(2% +0.1 Ω)
EIA
575 3.13
leaching
unmounted chips; 60
±1 s; 260 ±5 °C
good tinning; no leaching
EIA/IS
703 4.5
load humidity
1 000 +48/
−0 hours; 85 ±2 °C; 85 ±5% RH;
loaded with 0.01 Pn or Vmax
∆R/R max.:
±(2% +0.1 Ω)
IEC
60115-8
CLAUSE
IEC
60068-2
TEST
METHOD
TEST
PROCEDURE
REQUIREMENTS
ARC241
ARV241
ARC242
ARV242



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com