Electronic Components Datasheet Search
  English  ▼

X  

ARC241 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # ARC241
Description  Array chip resistors size 4 X 0603
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ARC241 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  ARC241 Datasheet HTML 1Page - List of Unclassifed Manufacturers ARC241 Datasheet HTML 2Page - List of Unclassifed Manufacturers ARC241 Datasheet HTML 3Page - List of Unclassifed Manufacturers ARC241 Datasheet HTML 4Page - List of Unclassifed Manufacturers ARC241 Datasheet HTML 5Page - List of Unclassifed Manufacturers ARC241 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
Array chip resistors
size 4
× 0603
ARC241/ARC242
ARV241/ARV242
FEATURES
• 4 × 0603 sized resistors in one
1206-sized package
• Reduced reel exchange time
• Low assembly costs
• Reduced PCB area
• Reduced size of final equipment
• Higher component and equipment
reliability.
APPLICATIONS
• Camcorders
• Hand held measuring equipment
• Car telephones
• Computers
• Portable radio, CD and cassette
players.
DESCRIPTION
The resistors are constructed on a
high grade ceramic body (aluminium
oxide). Internal metal electrodes are
added at each end and connected by
a resistive paste which is applied to
the top surface of the substrate. The
composition of the paste is adjusted
to give the approximate resistance
required and the value is trimmed to
within tolerance, by laser cutting of
this resistive layer.
The resistive layer is covered with a
protective coating and printed with the
resistance value. Finally, external end
terminations are added. For ease of
soldering the outer layer of these end
terminations is a lead-tin alloy.
Fig.1 Equivalent circuit diagram.
R1 = R2 = R3 = R4.
For dimensions see Fig.3 and Table 3.
handbook, 2 columns
R1
R2
R3
R4
CCA862
QUICK REFERENCE DATA
R-Array overview
DESCRIPTION
VALUE
ARC241
ARV241
ARC242
ARV242
Resistance range
10
Ω to 1 MΩ
Resistance tolerance and E-series
±5%; E24 series
±1%; E96 series
±1%; E24/E96 series
Temperature coefficient
≤±200 × 10−6/K
≤±100 × 10−6/K
≤±200 × 10−6/K
Absolute maximum dissipation
per resistive element at Tamb =70 °C
0.063 W
Maximum permissible voltage
50 V (DC or RMS)
Climatic category (IEC 60068)
55/155/56
Basic specification
IEC 60115-8
TYPE
TERMINATION
TECHNOLOGY
SIZE
TOLERANCE
(%)
ARC241
concave
4
× 0603
5
ARC242
concave
4
× 0603
1
ARV241
convex
4
× 0603
5
ARV242
convex
4
× 0603
1


Similar Part No. - ARC241

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
ARC241 YAGEO-ARC241 Datasheet
338Kb / 8P
ARRAY CHIP RESISTORS
More results

Similar Description - ARC241

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
RTA MERITEK-RTA Datasheet
1Mb / 7P
Chip Resistors Array
logo
List of Unclassifed Man...
YC248 ETC2-YC248 Datasheet
327Kb / 8P
ARRAY CHIP RESISTORS
logo
YAGEO Corporation
YC164 YAGEO-YC164 Datasheet
338Kb / 8P
ARRAY CHIP RESISTORS
443424 YAGEO-443424 Datasheet
338Kb / 8P
ARRAY CHIP RESISTORS
1508227 YAGEO-1508227 Datasheet
326Kb / 9P
ARRAY CHIP RESISTORS
YC124-JR-0710KL YAGEO-YC124-JR-0710KL Datasheet
326Kb / 9P
ARRAY CHIP RESISTORS
TC164-JR-071K2L YAGEO-TC164-JR-071K2L Datasheet
338Kb / 8P
ARRAY CHIP RESISTORS
TC164-JR-0727RL YAGEO-TC164-JR-0727RL Datasheet
338Kb / 8P
ARRAY CHIP RESISTORS
TC164-JR-07560RL YAGEO-TC164-JR-07560RL Datasheet
338Kb / 8P
ARRAY CHIP RESISTORS
YC102-FR-070RL YAGEO-YC102-FR-070RL Datasheet
861Kb / 12P
ARRAY CHIP RESISTORS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com