Electronic Components Datasheet Search
  English  ▼

X  

AX88172ATF Datasheet(PDF) 16 Page - ASIX Electronics Corporation

Part # AX88172ATF
Description  USB 2.0 to 10/100M Fast Ethernet Controller
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88172ATF Datasheet(HTML) 16 Page - ASIX Electronics Corporation

Back Button AX88172ATF Datasheet HTML 12Page - ASIX Electronics Corporation AX88172ATF Datasheet HTML 13Page - ASIX Electronics Corporation AX88172ATF Datasheet HTML 14Page - ASIX Electronics Corporation AX88172ATF Datasheet HTML 15Page - ASIX Electronics Corporation AX88172ATF Datasheet HTML 16Page - ASIX Electronics Corporation AX88172ATF Datasheet HTML 17Page - ASIX Electronics Corporation AX88172ATF Datasheet HTML 18Page - ASIX Electronics Corporation AX88172ATF Datasheet HTML 19Page - ASIX Electronics Corporation AX88172ATF Datasheet HTML 20Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 45 page
background image
ASIX ELECTRONICS CORPORATION
16
AX88772A/AX88172A
Low-pin-count
USB 2.0 to 10/100M Fast Ethernet Controller
GND18A
P
9, 64
Analog Ground for Ethernet PHY and 25Mhz crystal oscillator.
2.2 AX88172A 80-pin Pinout Description
Table 2
: AX88172A 80-pin Pinout Description
Pin Name
Type
Pin No
Pin Description
USB Interface
DP
AB
73
USB 2.0 data positive pin.
DM
AB
72
USB 2.0 data negative pin.
VBUS
I5/PD/S
58
VBUS pin input. Please connect to USB bus power.
XTL12P
I3
67
12Mhz ±0.003%crystal or oscillator clock input. This clock is needed for
USB PHY transceiver to operate.
XTL12N
O3
68
12Mhz crystal or oscillator clock output.
RREF
AI
71
For USB PHY’s internal biasing. Please connect to analog GND through a
resistor (12.1Kohm ±1%).
Serial EEPROM Interface
EECK
B5/PD/
T
45
EEPROM Clock. EECK is an output clock to EEPROM to provide timing
reference for the transfer of EECS, and EEDIO signals. EECK only drive
high / low when access EEPROM otherwise keep at tri-state and internal
pull-down.
EECS
B5/PD/
T
46
EEPROM Chip Select. EECS is asserted high synchronously with respect
to rising edge of EECK as chip select signal. EECS only drive high / low
when access EEPROM otherwise keep at tri-state and internal pull-down.
EEDIO
B5/PU/
T
47
EEPROM Data In. EEDIO is the serial output data to EEPROM’s data
input pin and is synchronous with respect to the rising edge of EECK.
EEDIO only drive high / low when access EEPROM otherwise keep at
tri-state and internal pull-up.
Ethernet PHY Interface
XTL25P
I18
78
25Mhz ± 0.005% crystal or oscillator clock input. This clock is needed for
the embedded 10/100M Ethernet PHY to operate.
XTL25N
O18
79
25Mhz crystal or oscillator clock output.
RXIP
AB
4
Receive data input positive pin for both 10BASE-T and 100BASE-TX.
RXIN
AB
5
Receive data input negative pin for both 10BASE-T and 100BASE-TX.
TXOP
AB
7
Transmit data output positive pin for both 10BASE-T and 100 BASE-TX
TXON
AB
8
Transmit data output negative pin for both 10BASE-T and 100 BASE-TX
RSET_BG
AO
1
For Ethernet PHY’s internal biasing. Please connect to GND through a
12.1Kohm ±1% resistor.
LINK_LED
O5
26
Link status LED indicator. This pin drives low continuously when the
Ethernet link is up and drives low and high in turn (blinking) when
Ethernet PHY is in receiving or transmitting state.
FDX_LED
O5
24
Full Duplex and collision detected LED indicator. This pin drives low
when the Ethernet PHY is in full-duplex mode and drives high when in
half duplex mode. When in half duplex mode and the Ethernet PHY
detects collision, it will be driven low (or blinking).
SPEED_LED
O5
25
Ethernet speed LED indicator. This pin drives low when the Ethernet PHY
is in 100BASE-TX mode and drives high when in 10BASE-T mode.
Misc. Pins
RESET_N
I5/PU/S
52
Chip Reset Input. RESET_N pin is active low. When asserted, it puts the
entire chip into reset state immediately. After completing reset, EEPROM
data will be loaded automatically.
EXTWAKEUP_N I5/PU/S
30
Remote-wakeup trigger from external pin. EXTWAKEUP_N should be
asserted low for more than 2 cycles of 12MHz clock to be effective.
GPIO_2 / RXER B5/PD
34
General Purpose Input/ Output Pin 2. This pin is GPIO_2 in MAC mode,
but it will be redefined as RXER (receive error) or GPIO_2 depending on
EEPROM Flag [3]
in PHY mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com