Electronic Components Datasheet Search
  English  ▼

X  

AX88172ATF Datasheet(PDF) 35 Page - ASIX Electronics Corporation

Part # AX88172ATF
Description  USB 2.0 to 10/100M Fast Ethernet Controller
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88172ATF Datasheet(HTML) 35 Page - ASIX Electronics Corporation

Back Button AX88172ATF Datasheet HTML 31Page - ASIX Electronics Corporation AX88172ATF Datasheet HTML 32Page - ASIX Electronics Corporation AX88172ATF Datasheet HTML 33Page - ASIX Electronics Corporation AX88172ATF Datasheet HTML 34Page - ASIX Electronics Corporation AX88172ATF Datasheet HTML 35Page - ASIX Electronics Corporation AX88172ATF Datasheet HTML 36Page - ASIX Electronics Corporation AX88172ATF Datasheet HTML 37Page - ASIX Electronics Corporation AX88172ATF Datasheet HTML 38Page - ASIX Electronics Corporation AX88172ATF Datasheet HTML 39Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 45 page
background image
ASIX ELECTRONICS CORPORATION
35
AX88772A/AX88172A
Low-pin-count
USB 2.0 to 10/100M Fast Ethernet Controller
9.4.9
SPI Interface Timing
Note: Above diagram only shows setup and hold time relationship of SPI pins in Mode 0. For the remaining 3 modes,
clock polarity is reversed.
SPI Master Controller Timing Table:
Symbol
Description
Min
Typ
Max
Unit
Fclk
SPI_SCLK clock frequency.
-
Fsys_clk/
(SPIBRR+1)*2
5
MHz
(Note 3)
Tl
Setup time of SPI_SS to the first SPI_SCLK edge.
-
0.5
-
Tclk
(Note 3)
Th
Hold time of SPI_SS after the last SPI_SCLK edge.
-
0.5
-
Tclk
Tdly
SPI_MOSI data valid time after SPI_SCLK edge.
-
-
1
Tsys_clk
(Note 4)
Dsu
SPI_MISO data setup time before SPI_SCLK edge.
2
-
-
Tsys_clk
Dhd
SPI_MISO data hold time after SPI_SCLK edge.
4
-
-
Tsys_clk
tl
Minimum idle time between transfers (minimum
SPI_SS high time).
Note 5
Internal time base period.
-
0.5
-
Tclk
Note 3: Fsys_clk is the operating system clock frequency 30Mhz. The SPIBRR is SPI Baud Rate Register.
Tclk = 1/Fclk.
Note 4: Tsys_clk =1/ Fsys_clk =33.33 ns.
Note 5: It will be much greater than 22us because several factors can influence this parameter, such as USB system
utilization, the CBW structure, and High/Full speed ,etc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com