Electronic Components Datasheet Search
  English  ▼

X  

AX88172ATF Datasheet(PDF) 25 Page - ASIX Electronics Corporation

Part # AX88172ATF
Description  USB 2.0 to 10/100M Fast Ethernet Controller
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88172ATF Datasheet(HTML) 25 Page - ASIX Electronics Corporation

Back Button AX88172ATF Datasheet HTML 21Page - ASIX Electronics Corporation AX88172ATF Datasheet HTML 22Page - ASIX Electronics Corporation AX88172ATF Datasheet HTML 23Page - ASIX Electronics Corporation AX88172ATF Datasheet HTML 24Page - ASIX Electronics Corporation AX88172ATF Datasheet HTML 25Page - ASIX Electronics Corporation AX88172ATF Datasheet HTML 26Page - ASIX Electronics Corporation AX88172ATF Datasheet HTML 27Page - ASIX Electronics Corporation AX88172ATF Datasheet HTML 28Page - ASIX Electronics Corporation AX88172ATF Datasheet HTML 29Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 45 page
background image
ASIX ELECTRONICS CORPORATION
25
AX88772A/AX88172A
Low-pin-count
USB 2.0 to 10/100M Fast Ethernet Controller
9.1.6
DC Characteristics of Voltage Regulator
Symbol
Description
Conditions
Min
Typ
Max
Unit
VCC3R3
Power supply of on-chip
voltage regulator.
3.0
3.3
3.6
V
Tj
Operating junction
temperature.
0
25
125
℃
Normal operation
-
-
240
mA
Iload
Driving current.
Standby mode enabled
-
-
30
mA
V18F
Output voltage of on-chip
voltage regulator.
VCC3R3 = 3.3V
1.71
1.8
1.89
V
Vdrop
Dropout voltage.
△
V18F = -1%, Iload = 10mA
-
0.1
0.2
V
△V18F
(△VCC3R3 x V18F)
Line regulation.
VCC3R3 = 3.3V, Iload = 50mA
-
0.2
0.4
%/V
△V18F
(△Iload x V18F)
Load regulation.
VCC3R3 = 3.3V, 1mA ≦ Iload
≦
240mA
-
0.02 0.05 %/mA
△V18F
△Tj
Temperature coefficient.
VCC3R3 = 3.3V,-40℃ ≦ Tj ≦
125℃
-
+/-0.2 +/-0.5 mV/
℃
VCC3R3 = 3.3V
-
70
100
μ
A
Iq_25℃
Quiescent current at 25 ℃.
VCC3R3 = 3.3V
-
100
125
μ
A
VCC3R3 = 3.3V
-
85
115
μ
A
Iq_125℃
Quiescent current at 125
℃.
VCC3R3 = 3.3V
-
125
170
μ
A
Cout
Output external capacitor.
0.1
1
-
μ
F
ESR
Allowable effective series
resistance of external
capacitor.
-
0.5
1
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com