Electronic Components Datasheet Search
  English  ▼

X  

ADS930 Datasheet(PDF) 5 Page - Texas Instruments

Part # ADS930
Description  8-Bit, 30MHz Sampling ANALOG-TO-DIGITAL CONVERTER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS930 Datasheet(HTML) 5 Page - Texas Instruments

  ADS930 Datasheet HTML 1Page - Texas Instruments ADS930 Datasheet HTML 2Page - Texas Instruments ADS930 Datasheet HTML 3Page - Texas Instruments ADS930 Datasheet HTML 4Page - Texas Instruments ADS930 Datasheet HTML 5Page - Texas Instruments ADS930 Datasheet HTML 6Page - Texas Instruments ADS930 Datasheet HTML 7Page - Texas Instruments ADS930 Datasheet HTML 8Page - Texas Instruments ADS930 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
ADS930
5
SBAS059A
SPECTRAL PERFORMANCE
Frequency (MHz)
0
–20
–40
–60
–80
–100
0
5
10
15
f
IN = 500kHz
SPECTRAL PERFORMANCE
Frequency (MHz)
0
–20
–40
–60
–80
–100
0
f
IN = 12MHz
0
5
10
15
DIFFERENTIAL LINEARITY ERROR
Output Code
2.0
1.0
0.0
–1.0
–2.0
0
64
128
192
256
f
IN = 500kHz
TWO-TONE INTERMODULATION
Frequency (MHz)
0
–20
–40
–60
–80
–100
02
4
8
610
f
1 = 3.5MHz at –7dBFS
f
2 = 3.4MHz at –7dBFS
2f
1 –f2 = 54.7dBFS
2f
2 –f1 = 54.2dBFS
SPECTRAL PERFORMANCE
Frequency (MHz)
0
–20
–40
–60
–80
–100
0
f
IN = 3.58MHz
0
5
10
15
TYPICAL CHARACTERISTICS
At TA = +25°C, VS = +3V, Single-ended Input and Sampling Rate = 30MHz, unless otherwise specified.
0
64
128
192
256
DIFFERENTIAL LINEARITY ERROR
Output Code
2.0
1.0
0.0
–1.0
–2.0
f
IN = 12MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com