Electronic Components Datasheet Search
  English  ▼

X  

ADS930 Datasheet(PDF) 1 Page - Texas Instruments

Part # ADS930
Description  8-Bit, 30MHz Sampling ANALOG-TO-DIGITAL CONVERTER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS930 Datasheet(HTML) 1 Page - Texas Instruments

  ADS930 Datasheet HTML 1Page - Texas Instruments ADS930 Datasheet HTML 2Page - Texas Instruments ADS930 Datasheet HTML 3Page - Texas Instruments ADS930 Datasheet HTML 4Page - Texas Instruments ADS930 Datasheet HTML 5Page - Texas Instruments ADS930 Datasheet HTML 6Page - Texas Instruments ADS930 Datasheet HTML 7Page - Texas Instruments ADS930 Datasheet HTML 8Page - Texas Instruments ADS930 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Pipeline
A/D
Internal
Reference
Timing
Circuitry
Error
Correction
3-State
Outputs
T/H
8-Bit
Digital
Data
CLK
ADS930
LV
DD
OE
Pwrdn
1V
REF
LnBy
CM
LpBy
IN
2V
1V
IN
(Opt.)
FEATURES
q +3V TO +5V SUPPLY OPERATION
q INTERNAL REFERENCE
q SINGLE-ENDED INPUT RANGE: 1V to 2V
q LOW POWER: 66mW at +3V
q HIGH SNR: 46dB
q LOW DNL: 0.4LSB
q SSOP-28 PACKAGE
DESCRIPTION
The ADS930 is a high speed pipelined Analog-to-Digital
Converter (ADC) specified to operate from nominal +3V or
+5V power supplies with tolerances of up to 10%. This
complete converter includes a high bandwidth track/hold, a
8-bit quantizer and an internal reference.
The ADS930 employs digital error correction techniques to
provide excellent differential linearity for demanding im-
aging applications. Its low distortion and high SNR give the
extra margin needed for telecommunications, video and
test instrumentation applications.
This high performance ADC is specified for performance at
a 30MHz sampling rate. The ADS930 is available in a
SSOP-28 package.
8-Bit, 30MHz Sampling
ANALOG-TO-DIGITAL CONVERTER
APPLICATIONS
q BATTERY POWERED EQUIPMENT
q CAMCORDERS
q PORTABLE TEST EQUIPMENT
q COMPUTER SCANNERS
q COMMUNICATIONS
ADS930E
TM
ADS930
SBAS059A – MARCH 2001
www.ti.com
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright © 2001, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.


Similar Part No. - ADS930

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS930 BURR-BROWN-ADS930 Datasheet
191Kb / 11P
8-Bit, 30MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS930 TI1-ADS930 Datasheet
417Kb / 16P
8-Bit, 30MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS930 TI-ADS930 Datasheet
314Kb / 14P
8-Bit, 30MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS9308V8I TI2-ADS9308V8I Datasheet
1Mb / 86P
ADS9308V8I 24-Bit, 16-Channel, Simultaneous-Sampling, Precision ADC for Voltage ADS9308V8I 24-Bit, 16-Channel, Simultaneous-Sampling, Precision ADC for Voltage
JUNE 2026
logo
Burr-Brown (TI)
ADS930E BURR-BROWN-ADS930E Datasheet
191Kb / 11P
8-Bit, 30MHz Sampling ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - ADS930

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS830 BURR-BROWN-ADS830 Datasheet
177Kb / 11P
8-Bit, 60MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS831 BURR-BROWN-ADS831 Datasheet
179Kb / 11P
8-Bit, 80MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS930 BURR-BROWN-ADS930 Datasheet
191Kb / 11P
8-Bit, 30MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS931 BURR-BROWN-ADS931 Datasheet
210Kb / 12P
8-Bit, 30MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS902 BURR-BROWN-ADS902 Datasheet
149Kb / 11P
10-Bit, 30MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS931 TI-ADS931 Datasheet
442Kb / 16P
8-Bit, 33MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS830 TI1-ADS830_14 Datasheet
556Kb / 16P
8-Bit, 60MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS931 TI1-ADS931_14 Datasheet
437Kb / 17P
8-Bit, 33MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS930 TI1-ADS930_14 Datasheet
417Kb / 16P
8-Bit, 30MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS930 TI-ADS930_V01 Datasheet
314Kb / 14P
8-Bit, 30MHz Sampling ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com