Electronic Components Datasheet Search
  English  ▼

X  

ADS930 Datasheet(PDF) 7 Page - Texas Instruments

Part # ADS930
Description  8-Bit, 30MHz Sampling ANALOG-TO-DIGITAL CONVERTER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS930 Datasheet(HTML) 7 Page - Texas Instruments

Back Button ADS930 Datasheet HTML 3Page - Texas Instruments ADS930 Datasheet HTML 4Page - Texas Instruments ADS930 Datasheet HTML 5Page - Texas Instruments ADS930 Datasheet HTML 6Page - Texas Instruments ADS930 Datasheet HTML 7Page - Texas Instruments ADS930 Datasheet HTML 8Page - Texas Instruments ADS930 Datasheet HTML 9Page - Texas Instruments ADS930 Datasheet HTML 10Page - Texas Instruments ADS930 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
ADS930
7
SBAS059A
TYPICAL CHARACTERISTICS (Cont.)
At TA = +25°C, VS = +3V, Single-ended Input and Sampling Rate = 30MHz, unless otherwise specified.
GAIN ERROR vs TEMPERATURE
Temperature (°C)
6.5
6.0
5.5
5.0
4.5
–50
0
25
–25
50
75
100
POWER DISSIPATION vs TEMPERATURE
Temperature (°C)
69
68
67
66
65
–50
0
25
–25
50
75
100
SIGNAL-TO-NOISE RATIO vs TEMPERATURE
Temperature (°C)
48
47
46
45
44
025
–25
–50
50
75
100
f
IN = 500kHz
f
IN = 12MHz
OFFSET ERROR vs TEMPERATURE
Temperature (°C)
7
6
5
4
3
–50
0
25
–25
50
75
100
OUTPUT NOISE HISTOGRAM (DC Input)
Output Code
12
10
8
6
4
2
0
N–2N
N–1
N+1
N+2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com