Electronic Components Datasheet Search
  English  ▼

X  

BQ2010 Datasheet(PDF) 2 Page - Texas Instruments

Part # BQ2010
Description  Gas Gauge IC
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

BQ2010 Datasheet(HTML) 2 Page - Texas Instruments

  BQ2010 Datasheet HTML 1Page - Texas Instruments BQ2010 Datasheet HTML 2Page - Texas Instruments BQ2010 Datasheet HTML 3Page - Texas Instruments BQ2010 Datasheet HTML 4Page - Texas Instruments BQ2010 Datasheet HTML 5Page - Texas Instruments BQ2010 Datasheet HTML 6Page - Texas Instruments BQ2010 Datasheet HTML 7Page - Texas Instruments BQ2010 Datasheet HTML 8Page - Texas Instruments BQ2010 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
Pin Descriptions
LCOM
LED common output
Open-drain output switches VCC to source
current for the LEDs. The switch is off dur-
ing initialization to allow reading of the soft
pull-up
or
pull-down
program
resistors.
LCOM is also high impedance when the dis-
play is off.
SEG1–
SEG6
LED display segment outputs (dual func-
tion with PROG1–PROG6)
Each output may activate an LED to sink
the current sourced from LCOM.
PROG1–
PROG2
Programmed full count selection inputs
(dual function with SEG1–SEG2)
These three-level input pins define the pro-
grammed full count (PFC) thresholds de-
scribed in Table 2.
PROG3–
PROG4
Gas gauge rate selection inputs (dual
function with SEG3–SEG4)
These three-level input pins define the scale
factor described in Table 2.
PROG5
Self-discharge rate selection (dual func-
tion with SEG5)
This
three-level
input
pin
defines
the
selfdischarge compensation rate shown in Ta-
ble 1.
PROG6
Display mode selection (dual function
with SEG6)
This three-level pin defines the display op-
eration shown in Table 1.
NC
No connect
SR
Sense resistor input
The voltage drop (VSR) across the sense re-
sistor RS is monitored and integrated over
time to interpret charge and discharge activ-
ity. The SR input is tied to the high side of
the sense resistor. VSR <VSS indicates dis-
charge, and VSR >VSS indicates charge. The
effective voltage drop, VSRO, as seen by the
bq2010 is VSR +VOS (see Table 5).
DISP
Display control input
DISP high disables the LED display. DISP
tied to VCC allows PROGX to connect directly
to VCC or VSS instead of through a pull-up or
pull-down resistor. DISP floating allows the
LED display to be active during discharge or
charge if the NAC registers update at a rate
equivalent to |VSRO| ≥ 4mV. DISP low acti-
vates the display. See Table 1.
SB
Secondary battery input
This input monitors the single-cell voltage
potential through a high-impedance resis-
tive divider network for end-of-discharge
voltage (EDV) thresholds, maximum charge
voltage (MCV), and battery removed.
EMPTY
Battery empty output
This open-drain output becomes high-impedance
on detection of a valid end-of-discharge voltage
(VEDVF) and is low following the next application
of a valid charge.
DQ
Serial I/O pin
This is an open-drain bidirectional pin.
REF
Voltage reference output for regulator
REF provides a voltage reference output for
an optional micro-regulator.
VCC
Supply voltage input
VSS
Ground
2
bq2010



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com