Electronic Components Datasheet Search
  English  ▼

X  

BQ2010 Datasheet(PDF) 13 Page - Texas Instruments

Part # BQ2010
Description  Gas Gauge IC
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

BQ2010 Datasheet(HTML) 13 Page - Texas Instruments

Back Button BQ2010 Datasheet HTML 9Page - Texas Instruments BQ2010 Datasheet HTML 10Page - Texas Instruments BQ2010 Datasheet HTML 11Page - Texas Instruments BQ2010 Datasheet HTML 12Page - Texas Instruments BQ2010 Datasheet HTML 13Page - Texas Instruments BQ2010 Datasheet HTML 14Page - Texas Instruments BQ2010 Datasheet HTML 15Page - Texas Instruments BQ2010 Datasheet HTML 16Page - Texas Instruments BQ2010 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
The bq2010 calculates the available charge as a function
of NAC, temperature, and a full reference, either LMD
or PFC. The results of the calculation are available via
the display port or the gas gauge field of the TMPGG
register. The register is used to give available capacity
in 1
16 increments from 0 to
15
16.
The gas gauge display and the gas gauge portion of the
TMPGG register are adjusted for cold temperature de-
pendencies. A piece-wise correction is performed as fol-
lows:
The adjustment between > 0°C and -20°C < T < 0°C has
a 10°C hysteresis.
Nominal Available Charge Registers
(NACH/NACL)
The read/write NACH high-byte register (address=03h)
and the read-only NACL low-byte register (address=17h)
are the main gas gauging register for the bq2010. The
NAC registers are incremented during charge actions
and decremented during discharge and self-discharge
actions. The correction factors for charge/discharge effi-
ciency are applied automatically to NAC.
On reset, if PROG6 = Z or low, NACH and NACL are
cleared to 0; if PROG6 = high, NACH = PFC and NACL
= 0. When the bq2010 detects a valid charge, NACL resets
to 0. Writing to the NAC registers affects the available
charge counts and, therefore, affects the bq2010 gas gauge
operation. Do not write the NAC registers to a value greater
than LMD.
Battery Identification Register (BATID)
The read/write BATID register (address=04h) is avail-
able for use by the system to determine the type of bat-
tery pack. The BATID contents are retained as long as
VCC is greater than 2V. The contents of BATID have no
effect on the operation of the bq2010. There is no de-
fault setting for this register.
Last Measured Discharge Register (LMD)
LMD is a read/write register (address=05h) that the
bq2010 uses as a measured full reference. The bq2010
adjusts LMD based on the measured discharge capacity
of the battery from full to empty.
In this way the
bq2010 updates the capacity of the battery. LMD is set
to PFC during a bq2010 reset.
Secondary Status Flags Register (FLGS2)
The read-only FLGS2 register (address=06h) contains
the secondary bq2010 flags.
The charge rate flag (CR) is used to denote the fast
charge regime.
Fast charge is assumed whenever a
charge action is initiated. The CR flag remains asserted
if the charge rate does not fall below 2 counts/sec.
The CR values are:
Where CR is:
0
When charge rate falls below 2 counts/sec
1
When charge rate is above 2 counts/sec
The fast charge regime efficiency factors are used when
CR = 1. When CR = 0, the trickle charge efficiency fac-
tors are used. The time to change CR varies due to the
user-selectable count rates.
The discharge rate flags, DR2–0, are bits 6–4.
They are used to determine the current discharge re-
gime as follows:
The overload flag (OVLD) is asserted when a discharge
overload is detected, VSR < -250mV. OVLD remains as-
serted as long as the condition persists and is cleared
0.5 seconds after VSR > -250mV. The overload condition
is used to stop sampling of the battery terminal character-
istics for end-of-discharge determination. Sampling is re-
enabled 0.5 secs after the overload condition is removed.
13
FLGS2 Bits
76
5
4
3
2
1
0
CR
-
-
-
-
-
-
-
FLGS2 Bits
7
6
5
4
3210
-
DR2
DR1
DR0
-
-
-
DR2
DR1
DR0
VSR (V)
00
0
VSR > -150mV
00
1
VSR < -150mV
Temperature
Available Capacity Calculation
> 0°C
NAC / “Full Reference”
-20°C < T < 0°C
0.75 * NAC / “Full Reference”
< -20°C
0.5 * NAC / “Full Reference”
TMPGG Gas Gauge Bits
76
5
4
3
2
1
0
-
-
-
-
GG3
GG2
GG1
GG0
FLGS2 Bits
76
5
4
3
2
1
0
-
-
-
-
-
-
-
OVLD
bq2010



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com