Electronic Components Datasheet Search
  English  ▼

X  

BQ2010 Datasheet(PDF) 12 Page - Texas Instruments

Part # BQ2010
Description  Gas Gauge IC
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

BQ2010 Datasheet(HTML) 12 Page - Texas Instruments

Back Button BQ2010 Datasheet HTML 8Page - Texas Instruments BQ2010 Datasheet HTML 9Page - Texas Instruments BQ2010 Datasheet HTML 10Page - Texas Instruments BQ2010 Datasheet HTML 11Page - Texas Instruments BQ2010 Datasheet HTML 12Page - Texas Instruments BQ2010 Datasheet HTML 13Page - Texas Instruments BQ2010 Datasheet HTML 14Page - Texas Instruments BQ2010 Datasheet HTML 15Page - Texas Instruments BQ2010 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
The valid discharge flag (VDQ) is asserted when the
bq2010 is discharged from NAC=LMD. The flag remains
set until either LMD is updated or one of three actions
that can clear VDQ occurs:
n
The self-discharge count register (SDCR) has
exceeded the maximum acceptable value (4096
counts) for an LMD update.
n
A valid charge action sustained at VSRO > VSRQ for at
least 256 NAC counts.
n
The EDV1 flag was set at a temperature below 0°C
The VDQ values are:
Where VDQ is:
0
SDCR
≥ 4096, subsequent valid charge ac-
tion detected, or EDV1 is asserted with the
temperature less than 0°C
1
On first discharge after NAC = LMD
The first end-of-discharge warning flag (EDV1)
warns the user that the battery is almost empty. The
first segment pin, SEG1, is modulated at a 4Hz rate if
the display is enabled once EDV1 is asserted, which
should warn the user that loss of battery power is immi-
nent. The EDV1 flag is latched until a valid charge has
been detected.
The EDV1 values are:
Where EDV1 is:
0
Valid charge action detected, VSB ≥ 1.05V
1VSB < 1.05V providing that OVLD=0 (see
FLGS2 register description)
The final end-of-discharge warning flag (EDVF) is
used to warn that battery power is at a failure condition.
All segment drivers are turned off. The EDVF flag is
latched until a valid charge has been detected. The
EMPTY pin is also forced to a high-impedance state on
assertion of EDVF. The host system may pull EMPTY
high, which may be used to disable circuitry to prevent
deep-discharge of the battery.
The EDVF values are:
Where EDVF is:
0
Valid charge action detected, VSB ≥ 0.95V
1VSB < 0.95V providing that OVLD=0 (see
FLGS2 register description)
Temperature and Gas Gauge Register
(TMPGG)
The read-only TMPGG register (address=02h) contains
two data fields. The first field contains the battery tem-
perature. The second field contains the available charge
from the battery.
The bq2010 contains an internal temperature sensor.
The temperature is used to set charge and discharge ef-
ficiency factors as well as to adjust the self-discharge co-
efficient.
The temperature register contents may be translated as
shown below.
12
bq2010
TMPGG Temperature Bits
7
6
5
4
3210
TMP3
TMP2
TMP1
TMP0
-
-
-
TMP3
TMP2
TMP1
TMP0
Temperature
0000
T < -30°C
0001
-30°C < T < -20°C
0010
-20°C < T < -10°C
0011
-10°C < T < 0°C
0100
0°C < T < 10°C
0101
10°C < T < 20°C
0110
20°C < T < 30°C
0111
30°C < T < 40°C
1000
40°C < T < 50°C
1001
50°C < T < 60°C
1010
60°C < T < 70°C
1011
70°C < T < 80°C
1100
T > 80°C
FLGS1 Bits
76
5
4
3
2
1
0
--
-
-
-
-
-
EDVF
FLGS1 Bits
76
5
4
3
2
1
0
-
-
-
-
-
-
EDV1
-
FLGS1 Bits
76
5
4
3
2
1
0
-
-
-
-
VDQ
-
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com