Electronic Components Datasheet Search
  English  ▼

X  

UCC3918DP Datasheet(PDF) 2 Page - Texas Instruments

Part # UCC3918DP
Description  LOW ON-RESISTANCE HOT SWAP POWER MANAGER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

UCC3918DP Datasheet(HTML) 2 Page - Texas Instruments

  UCC3918DP Datasheet HTML 1Page - Texas Instruments UCC3918DP Datasheet HTML 2Page - Texas Instruments UCC3918DP Datasheet HTML 3Page - Texas Instruments UCC3918DP Datasheet HTML 4Page - Texas Instruments UCC3918DP Datasheet HTML 5Page - Texas Instruments UCC3918DP Datasheet HTML 6Page - Texas Instruments UCC3918DP Datasheet HTML 7Page - Texas Instruments UCC3918DP Datasheet HTML 8Page - Texas Instruments UCC3918DP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
UCC3918
LOW ONRESISTANCE HOT SWAP POWER MANAGER
SLUS384B – NOVEMBER 1999 – REVISED JUNE 2000
2
www.ti.com
functional block diagram
9
8
5
4
13
12
10
6
7
3
2
1
INTERNAL
BIAS
THERMAL
SHUTDOWN
ON TIME
CONTROL
3% DUTY
CYCLE
CHARGE
PUMP
16
15
14
VIN
VIN
VIN
VOUT
VOUT
VOUT
SHTDWN
FAULT
CT
HEAT SINK GND
PINS
GND
IFAULT
IMAX
CURRENT
FAULT LEVEL
OVERLOAD
COMPARATOR
OVERCURRENT
COMPARATOR
REVERSE
COMPARATOR
V
OUT
+
20mV
CURRENT SENSE
1.5V
H = OPEN
MAXIMUM
CURRENT
LEVEL
+
+
+
+
+
+
UDG–99153
absolute maximum ratings over operating free-air temperature (unless otherwise noted)†}
Input Voltage
8 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
SOIC Power dissipation
2.5 W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Fault output sink current
50 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Fault output voltage
VIN
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output Current (dc)
Internally Limited
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input Voltage
SHTDWN, IFAULT, IMAX
–0.3 V to VIN
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range Tstg
–65
_C to 150_C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating virtual junction temperature TJ
–55
_C to 150_C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature (soldering, 10 seconds)
300
_C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
‡ Unless otherwise indicated, voltages are reference to ground and currents are positive into, negative out of the specified terminal. Pulsed is
defined as a less than 10% duty cycle with a maximum duration of 500
µs. Consult Packaging Section of Databook for thermal limitations and
considerations of package.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com