Electronic Components Datasheet Search
  English  ▼

X  

UCC3918DP Datasheet(PDF) 1 Page - Texas Instruments

Part # UCC3918DP
Description  LOW ON-RESISTANCE HOT SWAP POWER MANAGER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

UCC3918DP Datasheet(HTML) 1 Page - Texas Instruments

  UCC3918DP Datasheet HTML 1Page - Texas Instruments UCC3918DP Datasheet HTML 2Page - Texas Instruments UCC3918DP Datasheet HTML 3Page - Texas Instruments UCC3918DP Datasheet HTML 4Page - Texas Instruments UCC3918DP Datasheet HTML 5Page - Texas Instruments UCC3918DP Datasheet HTML 6Page - Texas Instruments UCC3918DP Datasheet HTML 7Page - Texas Instruments UCC3918DP Datasheet HTML 8Page - Texas Instruments UCC3918DP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
UCC3918
LOW ONRESISTANCE HOT SWAP POWER MANAGER
SLUS384B – NOVEMBER 1999 – REVISED JUNE 2000
1
www.ti.com
D Integrated 0.075-Ω Power MOSFET
D 3 V to 6 V Operation
D External Analog Control of Fault Current
from 0 A to 4 A
D Independent Analog Control of Current
Limit Up to 5 A
D Fast Overload Protection
D Unidirectional Switch
D Minimal External Components
D 1-µA ICC When Disabled
D Programmable On Time
D Programmable Start Delay
D Fixed 3% Duty Cycle
description
The UCC3918 low on-resistance hot swap power manager provides complete power management, hot swap
capability, and circuit breaker functions. The only components needed to operate the device, other than supply
bypassing, are a timing capacitor, and two programming resistors. All control and housekeeping functions are
integrated, and externally programmable. These include the fault current level, maximum output sourcing
current, maximum fault time, and startup delay. In the event of a constant fault, the internal fixed 3% duty cycle
ratio limits the average output power. The IFAULT pin allows linear programming of the fault level current from
0 A to 4 A.
Fast overload protection is accomplished by an additional overload comparator. Its threshold is internally set
above the maximum sourcing current limit setting. In the event of a short circuit or extreme current condition,
this comparator is tripped, shutting down the output. This function is needed since the maximum sourcing
current limit loop has a finite bandwidth.
When the output current is below the fault level, the output MOSFET is switched on with a nominal resistance
of 0.075
Ω. When the output current exceeds the fault level or the maximum sourcing level, the output remains
on, but the fault timer starts charging a capacitor connected to the CT pin (CT). Once CT charges to a preset
threshold, the switch is turned off, and remains off for 30 times the programmed fault time. When the output
current reaches the maximum sourcing level, the MOSFET transitions from a switch to a constant current
source.
The UCC3918 is designed for unidirectional current flow, emulating an ideal diode in series with the power
switch. This feature is particularly attractive in applications where many devices are powering a common bus,
such as with SCSI termintation power (Termpwr). The UCC3918 can also be put into the sleep mode, drawing
only 1
µA of supply current.
Other features include an open-drain fault output indicator, thermal shutdown, undervoltage lockout, 3 V to 6 V
operation, and a low thermal resistance small-outline power package.
Copyright
 2000, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
Pin 5 serves as the lowest impedance to the electrical
ground. Pins 4, 12, and 13, serve as heat sink/ground.
These pins should be connected to large etch PCB areas
to help dissipate heat.
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
VIN
VIN
VIN
GND*
GND*
FAULT
SHTDWN
IFAULT
VOUT
VOUT
VOUT
GND*
GND*
NC
CT
IMAX
DP PACKAGE
(TOP VIEW)


Similar Part No. - UCC3918DP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC3918DP TI-UCC3918DP Datasheet
192Kb / 11P
LOW ON-RESISTANCE HOT SWAP POWER MANAGER
UCC3918DP TI1-UCC3918DP Datasheet
367Kb / 13P
LOW ON-RESISTANCE HOT SWAP POWER MANAGER
UCC3918DPG4 TI1-UCC3918DPG4 Datasheet
367Kb / 13P
LOW ON-RESISTANCE HOT SWAP POWER MANAGER
UCC3918DPTR TI-UCC3918DPTR Datasheet
192Kb / 11P
LOW ON-RESISTANCE HOT SWAP POWER MANAGER
UCC3918DPTR TI1-UCC3918DPTR Datasheet
367Kb / 13P
LOW ON-RESISTANCE HOT SWAP POWER MANAGER
More results

Similar Description - UCC3918DP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC2918 TI-UCC2918 Datasheet
168Kb / 7P
Low On Resistance Hot Swap Power Manager
UCC3912 TI-UCC3912 Datasheet
148Kb / 6P
Programmable Hot Swap Power Manager
UCC39161 TI-UCC39161 Datasheet
258Kb / 4P
LOW CURRENT HOT SWAP POWER MANAGER
UCC2913 TI-UCC2913 Datasheet
314Kb / 17P
NEGATIVE VOLTAGE HOT SWAP POWER MANAGER
UCC3918 TI-UCC3918 Datasheet
192Kb / 11P
LOW ON-RESISTANCE HOT SWAP POWER MANAGER
TPS2345 TI1-TPS2345 Datasheet
480Kb / 30P
CompactPCI짰 HOT SWAP POWER MANAGER
UCC2912 TI1-UCC2912 Datasheet
659Kb / 16P
PROGRAMMABLE HOT SWAP POWER MANAGER
UCC2918 TI1-UCC2918_08 Datasheet
205Kb / 10P
LOW ON-RESISTANCE HOT SWAP POWER MANAGER
UCC3918 TI1-UCC3918_09 Datasheet
367Kb / 13P
LOW ON-RESISTANCE HOT SWAP POWER MANAGER
UCC39161 TI1-UCC39161_10 Datasheet
150Kb / 6P
LOW CURRENT HOT SWAP POWER MANAGER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com