Electronic Components Datasheet Search
  English  ▼

X  

UCC3918DP Datasheet(PDF) 7 Page - Texas Instruments

Part # UCC3918DP
Description  LOW ON-RESISTANCE HOT SWAP POWER MANAGER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

UCC3918DP Datasheet(HTML) 7 Page - Texas Instruments

Back Button UCC3918DP Datasheet HTML 3Page - Texas Instruments UCC3918DP Datasheet HTML 4Page - Texas Instruments UCC3918DP Datasheet HTML 5Page - Texas Instruments UCC3918DP Datasheet HTML 6Page - Texas Instruments UCC3918DP Datasheet HTML 7Page - Texas Instruments UCC3918DP Datasheet HTML 8Page - Texas Instruments UCC3918DP Datasheet HTML 9Page - Texas Instruments UCC3918DP Datasheet HTML 10Page - Texas Instruments UCC3918DP Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
UCC3918
LOW ONRESISTANCE HOT SWAP POWER MANAGER
SLUS384B – NOVEMBER 1999 – REVISED JUNE 2000
7
www.ti.com
TYPICAL CHARACTERISTICS
Figure 3
REVERSE VOLTAGE COMPARATOR
RESPONSE TIME
VIN
0 A
1 A
2 A
3 A
4 A
COUT = 22 F
RLOAD = 5
CIN = 5 F
RIFAULT = 52.3 k
RIMAX = 42.0 k
IIN
Figure 4
FAULT TIMING WAVEFORMS
VOUT = 0 V
RLOAD = SHORT
CIN = 5 F
RIFAULT = 52.3 k
RIMAX = 42.2 k
OUTPUT CURRENT
CT (0.1 F)
FAULT OUT
Figure 5
INRUSH CURRENT LIMITING
V
OUT
I
INPUT @ 0.5 A/DIV
0 V
0 A
COUT = 22 F
RLOAD = 5
CIN = 5 F
RIFAULT = 52.3 k
RIMAX = 60.4 k
Figure 6
FAULT AND OUTPUT TURN-OFF
DELAY FROM CT FAULT
THRESHOLD
COUT = 0 F
RLOAD = 5
CIN = 5 F
CT = OPEN
RIFAULT = 52.3 k
RIMAX = 42.4 k
FAULT OUT
CT
VOUT
IOUT (RLOAD = 5 )



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com