Electronic Components Datasheet Search
  English  ▼

X  

TCR5SB21 Datasheet(PDF) 7 Page - Toshiba Semiconductor

Part # TCR5SB21
Description  200mA CMOS Low-Dropout Regulator (Point Regulator)
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TCR5SB21 Datasheet(HTML) 7 Page - Toshiba Semiconductor

Back Button TCR5SB21 Datasheet HTML 3Page - Toshiba Semiconductor TCR5SB21 Datasheet HTML 4Page - Toshiba Semiconductor TCR5SB21 Datasheet HTML 5Page - Toshiba Semiconductor TCR5SB21 Datasheet HTML 6Page - Toshiba Semiconductor TCR5SB21 Datasheet HTML 7Page - Toshiba Semiconductor TCR5SB21 Datasheet HTML 8Page - Toshiba Semiconductor TCR5SB21 Datasheet HTML 9Page - Toshiba Semiconductor TCR5SB21 Datasheet HTML 10Page - Toshiba Semiconductor TCR5SB21 Datasheet HTML 11Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
TCR5SB15~TCR5SB50
2007-11-01
7
resistance rate of the power supply voltage, characteristic of Input Transient Response, the ripple rejection shows
an extremely superior characteristics. Therefore these devices are suitable for use as RF block for every cellular
phone system.
Attention in Use
●
Output Capacitors
Ceramic capacitors can be used for these devices. However, because of the type of the capacitors, there might be
unexpected thermal features.
Please consider application condition for selecting capacitors. And Toshiba
recommend the ESR of ceramic capacitor is under 10 Ω.
●
Mounting
The long distance between IC and output capacitor might affect phase assurance by impedance in wire and inductor.
For stable power supply, output capacitor need to mount near IC as much as possible. Also GND pattern need to
be large and make the wire impedance small as possible.
●
Permissible Loss
Please have enough design patterns for expected maximum permissible loss.
And under consideration of
surrounding temperature, input voltage, and output current etc, we recommend proper dissipation ratings for
maximum permissible loss; in general maximum dissipation rating is 70 to 80 percent.
●
Overcurrent Protection Circuit
Overcurrent protection circuit is designed in these products, but this does not assure for the suppression of uprising
device operation. If output pins and GND pins are shorted out, these products might be break down.
In use of these products, please read through and understand dissipation idea for absolute maximum ratings from
the above mention or our ‘Semiconductor Reliability Handbook’.
Then use these products under absolute
maximum ratings in any condition. Furthermore, Toshiba recommend inserting failsafe system into the design.
Input Transient Response (TCR5SB30)
Time t (ms)
0
1
4
5
8
10
Input Voltage
3.0 V
2
3
6
7
9
Output Voltage
3.1 V
3.4 V
Ta
= 25°C, CIN = 0.1 μF,
Cout = 1μF,
VIN: 3.4 V → 3.1 V, Iout = 50 mA
Frequency f (Hz)
0
10
100
1 k
10 k
100 k 300 k
10
20
30
40
50
60
70
80
VIN = 4.0 V , IOUT = 10 mA
Vripple = 500 mVp−p
CIN = none, Ta = 25°C
90
COUT = 10 μF
COUT = 1 μF
COUT = 2.2 μF
Ripple rejection Ratio (TCR5SB30)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com