Electronic Components Datasheet Search
  English  ▼

X  

TCR5SB21 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TCR5SB21
Description  200mA CMOS Low-Dropout Regulator (Point Regulator)
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TCR5SB21 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TCR5SB21 Datasheet HTML 1Page - Toshiba Semiconductor TCR5SB21 Datasheet HTML 2Page - Toshiba Semiconductor TCR5SB21 Datasheet HTML 3Page - Toshiba Semiconductor TCR5SB21 Datasheet HTML 4Page - Toshiba Semiconductor TCR5SB21 Datasheet HTML 5Page - Toshiba Semiconductor TCR5SB21 Datasheet HTML 6Page - Toshiba Semiconductor TCR5SB21 Datasheet HTML 7Page - Toshiba Semiconductor TCR5SB21 Datasheet HTML 8Page - Toshiba Semiconductor TCR5SB21 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
TCR5SB15~TCR5SB50
2007-11-01
3
Electrical Characteristics
(Unless otherwise specified,
VIN =VOUT + 1 V, IOUT = 50 mA, CIN = 0.1 μF, COUT = 1.0 μF, Tj = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Output voltage
VOUT
Please refer to the Output Voltage Accuracy table
Line regulation
Reg・line VOUT + 0.5 V
<= VIN <= 6 V,
IOUT = 1 mA
⎯
3
15
mV
Load regulation
Reg・load 1 mA <= IOUT <= 150 mA
⎯
25
75
mV
Quiescent current
IB
IOUT = 0 mA
⎯
40
75
μA
Stand-by current
IB (OFF) VCT = 0 V
⎯
0.1
1.0
μA
TCR5SB15~TCR5SB20
⎯
25
⎯
TCR5SB21~TCR5SB30
⎯
30
⎯
TCR5SB31~TCR5SB36
⎯
35
⎯
Output noise voltage
VNO
VIN = VOUT + 1 V,
IOUT = 10 mA,
10 Hz <= f <= 100 kHz,
Ta
= 25°C
TCR5SB37~TCR5SB50
⎯
40
⎯
μVrms
Dropout voltage
VIN-VOUT
Please refer to the Dropout voltage table.
Temperature coefficient
TCVO
−40°C <= Topr <= 85°C
⎯
100
⎯
ppm/°C
TCR5SB15~TCR5SB16
VOUT +
0.33 V
⎯
6.0
TCR5SB17~TCR5SB18
VOUT +
0.31 V
⎯
6.0
TCR5SB19~TCR5SB23
VOUT +
0.25 V
6.0
TCR5SB24~TCR5SB27
VOUT +
0.20 V
6.0
Input voltage
VIN
⎯
TCR5SB28~TCR5SB50
VOUT +
0.19 V
⎯
6.0
V
Ripple rejection ratio
R.R.
VIN = VOUT + 1 V, IOUT = 10 mA,
f
= 1 kHz, VRipple = 500 mVp-p,
Ta
= 25°C
⎯
80
⎯
dB
Control voltage (ON)
VCT (ON)
⎯
1.5
⎯
6.0
V
Control voltage (OFF)
VCT (OFF)
⎯
0
⎯
0.25
V
Control current (ON)
ICT (ON) VCT = 6.0 V
⎯
⎯
0.1
μA
Control current (OFF)
ICT (OFF) VCT = 0.25 V
⎯
⎯
0.1
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com