Electronic Components Datasheet Search
  English  ▼

X  

TCR5SB21 Datasheet(PDF) 13 Page - Toshiba Semiconductor

Part # TCR5SB21
Description  200mA CMOS Low-Dropout Regulator (Point Regulator)
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TCR5SB21 Datasheet(HTML) 13 Page - Toshiba Semiconductor

Back Button TCR5SB21 Datasheet HTML 9Page - Toshiba Semiconductor TCR5SB21 Datasheet HTML 10Page - Toshiba Semiconductor TCR5SB21 Datasheet HTML 11Page - Toshiba Semiconductor TCR5SB21 Datasheet HTML 12Page - Toshiba Semiconductor TCR5SB21 Datasheet HTML 13Page - Toshiba Semiconductor TCR5SB21 Datasheet HTML 14Page - Toshiba Semiconductor TCR5SB21 Datasheet HTML 15Page - Toshiba Semiconductor TCR5SB21 Datasheet HTML 16Page - Toshiba Semiconductor TCR5SB21 Datasheet HTML 17Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
TCR5SB15~TCR5SB50
2007-11-01
13
10) Control Transient Response
TCR5SB30 (Turn on wave form)
VIN = 4 V,
CIN = 0.1 μF, COUT = 1 μF
IOUT = 50 mA
Time
t ( 100 μs/div )
TCR5SB30 (Turn off wave form)
VIN = 4 V,
CIN = 0.1 μF, COUT = 1 μF
IOUT = 50 mA
Time
t ( 100 μs/div )
TCR5SB50 (Turn on wave form)
VIN = 6 V,
CIN = 0.1 μF, COUT = 1 μF
IOUT = 50 mA
Time
t ( 100 μs/div )
TCR5SB50 (Turn off wave form)
VIN = 6 V,
CIN = 0.1 μF, COUT = 1 μF
IOUT = 50 mA
Time t ( 100 μs/div )
TCR5SB15 (Turn on wave form)
VIN = 2.5 V,
CIN = 0.1 μF, COUT = 1 μF
IOUT = 50 mA
Time t ( 100 μs/div )
TCR5SB15 (Turn off wave form)
VIN = 2.5 V,
CIN = 0.1 μF, COUT = 1 μF
IOUT = 50 mA
Time
t ( 100 μs/div )



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com