Electronic Components Datasheet Search
  English  ▼

X  

CDC2536 Datasheet(PDF) 4 Page - Texas Instruments

Part # CDC2536
Description  3.3-V PHASE-LOCK LOOP CLOCK DRIVER WITH 3-STATE OUTPUTS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CDC2536 Datasheet(HTML) 4 Page - Texas Instruments

  CDC2536 Datasheet HTML 1Page - Texas Instruments CDC2536 Datasheet HTML 2Page - Texas Instruments CDC2536 Datasheet HTML 3Page - Texas Instruments CDC2536 Datasheet HTML 4Page - Texas Instruments CDC2536 Datasheet HTML 5Page - Texas Instruments CDC2536 Datasheet HTML 6Page - Texas Instruments CDC2536 Datasheet HTML 7Page - Texas Instruments CDC2536 Datasheet HTML 8Page - Texas Instruments CDC2536 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
CDC2536
SCAS377E – APRIL 1994 – REVISED JULY 2004
FUNCTIONAL BLOCK DIAGRAM (continued)
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
NO.
Clock input. CLKIN provides the clock signal to be distributed by the CDC2536 clock-driver circuit. CLKIN
provides the reference signal to the integrated PLL that generates the clock output signals. CLKIN must
CLKIN
3
I
have a fixed frequency and fixed phase for the phase-lock loop to obtain phase lock. Once the circuit is
powered up and a valid CLKIN signal is applied, a stabilization time is required for the PLL to phase lock
the feedback signal to its reference signal.
CLR
24
I
CLR is used for testing purposes only. Connect CLR to GND for normal operation.
Feedback input. FBIN provides the feedback signal to the internal PLL. FBIN must be hardwired to one of
FBIN
26
I
the six clock outputs to provide frequency and phase lock. The internal PLL adjusts the output clocks to
obtain zero phase delay between the FBIN and differential CLKIN inputs.
Output enable. OE is the output enable for all outputs. When OE is low, all outputs are enabled. When OE
is high, all outputs are in the high-impedance state. Since the feedback signal for the PLL is taken directly
OE
5
I
from an output, placing the outputs in the high-impedance state interrupts the feedback loop; therefore,
when a high-to-low transition occurs at OE, enabling the output buffers, a stabilization time is required
before the PLL obtains phase lock.
Output configuration select. SEL selects the output configuration for each output bank (e.g. 1
×, 1/2×, or
SEL
4
I
2
×).(see Tables 1 and 2).
TEST is used to bypass the PLL circuitry for factory testing of the device. When TEST is low, all outputs
TEST
25
I
operate using the PLL circuitry. When TEST is high, the outputs are placed in a test mode that bypasses
the PLL circuitry. TEST should be grounded for normal operation.
These outputs are configured by SEL to transmit one-half or one-fourth the frequency of the VCO. The
relationship between the CLKIN frequency and the output frequency is dependent on SEL. The duty cycle
1Y1-1Y3
7, 10, 13
O
of the Y output signals is nominally 50%, independent of the duty cycle of the CLKIN signal. Each output
has an internal series resistor to dampen transmission-line effects and improve the signal integrity at the
load.
These outputs transmit one-half the frequency of the VCO. The relationship between the CLKIN frequency
and the output frequency is dependent on the frequency of the output being fed back to FBIN. The duty
2Y1-2Y3
22, 19, 16
O
cycle of the Y output signals is nominally 50%, independent of the duty cycle of the CLKIN signal. Each
output has an internal series resistor to dampen transmission-line effects and improve the signal integrity at
the load.
over operating free-air temperature range (unless otherwise noted)(1)
UNIT
Supply voltage range, VCC
-0.5 V to 4.6 V
Input voltage range, VI (see
(2))
-0.5 V to 7 V
Voltage range applied to any output in the high state or power-off state, VO (see
(2))
-0.5 V to 5.5 V
Current into any output in the low state, IO
24 mA
Input clamp current, IIK(VI< 0)
-20 mA
Output clamp current, IOK(VO< 0)
-50 mA
Maximum power dissipation at TA = 55°C (in still air) (see
(3))
0.68 W
Storage temperature range, Tstg
-65
°C to 150°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
The input and output negative-voltage ratings may be exceeded if the input and output clamp-current ratings are observed.
(3)
The maximum package power dissipation is calculated using a junction temperature of 150
°C and a board trace length of 75 mils. For
more information, refer to the Package Thermal Considerations application note in the 1994 ABT Advanced BiCMOS Technology Data
Book, literature number SCBD002B.
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com