Electronic Components Datasheet Search
  English  ▼

X  

CDC2536 Datasheet(PDF) 6 Page - Texas Instruments

Part # CDC2536
Description  3.3-V PHASE-LOCK LOOP CLOCK DRIVER WITH 3-STATE OUTPUTS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CDC2536 Datasheet(HTML) 6 Page - Texas Instruments

Back Button CDC2536 Datasheet HTML 2Page - Texas Instruments CDC2536 Datasheet HTML 3Page - Texas Instruments CDC2536 Datasheet HTML 4Page - Texas Instruments CDC2536 Datasheet HTML 5Page - Texas Instruments CDC2536 Datasheet HTML 6Page - Texas Instruments CDC2536 Datasheet HTML 7Page - Texas Instruments CDC2536 Datasheet HTML 8Page - Texas Instruments CDC2536 Datasheet HTML 9Page - Texas Instruments CDC2536 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
www.ti.com
SWITCHING CHARACTERISTICS
PARAMETER MEASUREMENT INFORMATION
From Output
Under Test
LOAD CIRCUIT FOR OUTPUTS
CL = 15pF
(see Note A)
VOLTAGE WAVEFORMS
PROPAGATION DELAY TIMES
tphase error
1.5 V
1.5 V
3 V
0 V
1.5 V
VOH
VOL
Input
0.8 V
2 V
tr
tf
0.8 V
2 V
Output
500 W
CDC2536
SCAS377E – APRIL 1994 – REVISED JULY 2004
over recommended ranges of supply voltage and operating free-air temperature, C
L = 15 pF (see
(1) and Figure 1, Figure 2
and Figure 3)
FROM
TO
PARAMETER
MIN
MAX
UNIT
(INPUT)
(OUTPUT)
fmax
100
MHz
Duty cycle
Y
45%
55%
tphase error
(2)
CLKIN
↑
Y
↑
500
+500
ps
tjitter (RMS)
CLKIN
↑
Y
↑
200
ps
tsk(o)
(2)
0.5
ns
tsk(pr)
(2)
1
ns
tr
1.4
ns
tf
1.4
ns
(1)
The specifications for parameters in this table are applicable only after any appropriate stabilization time has elapsed.
(2)
The propagation delay, tphase error, is dependent on the feedback path from any output to FBIN. The tphase error, tsk(o), and tsk(pr)
specfications are only valid for equal loading of all outputs.
A.
NOTES: . CL includes probe and jig capacitance.
B.
All input pulses are supplied by generators having the following characteristics: PRR
≤ 100 MHz, Z
O = 50 Ω, tr≤ 2.5 ns,
tf≤ 2.5 ns.
C.
The outputs are measured one at a time with one transition per measurement.
Figure 1. Load Circuit and Voltage Waveforms
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com