Electronic Components Datasheet Search
  English  ▼

X  

CDC2536 Datasheet(PDF) 1 Page - Texas Instruments

Part # CDC2536
Description  3.3-V PHASE-LOCK LOOP CLOCK DRIVER WITH 3-STATE OUTPUTS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CDC2536 Datasheet(HTML) 1 Page - Texas Instruments

  CDC2536 Datasheet HTML 1Page - Texas Instruments CDC2536 Datasheet HTML 2Page - Texas Instruments CDC2536 Datasheet HTML 3Page - Texas Instruments CDC2536 Datasheet HTML 4Page - Texas Instruments CDC2536 Datasheet HTML 5Page - Texas Instruments CDC2536 Datasheet HTML 6Page - Texas Instruments CDC2536 Datasheet HTML 7Page - Texas Instruments CDC2536 Datasheet HTML 8Page - Texas Instruments CDC2536 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
www.ti.com
FEATURES
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
AVCC
AGND
CLKIN
SEL
OE
GND
1Y1
VCC
GND
1Y2
VCC
GND
1Y3
VCC
AVCC
AGND
FBIN
TEST
CLR
VCC
2Y1
GND
VCC
2Y2
GND
VCC
2Y3
GND
DB PACKAGE
(TOP VIEW)
DESCRIPTION
CDC2536
SCAS377E – APRIL 1994 – REVISED JULY 2004
3.3-V PHASE-LOCK LOOP CLOCK DRIVER WITH 3-STATE OUTPUTS
•
Low Output Skew for Clock-Distribution and
Clock-Generation Applications
•
Operates at 3.3-V VCC
•
Distributes One Clock Input to Six Outputs
•
One Select Input Configures Three Outputs to
Operate at One-Half or Double the Input
Frequency
•
No External RC Network Required
•
On-Chip Series Damping Resistors
•
External Feedback Pin (FBIN) Is Used to
Synchronize the Outputs to the Clock Input
•
Application for Synchronous DRAM,
High-Speed Microprocessor
•
TTL-Compatible Inputs and Outputs
•
Outputs Drive 50-
Ω Parallel-Terminated
Transmission Lines
•
State-of-the-Art EPIC-IIB™ BiCMOS Design
Significantly Reduces Power Dissipation
•
Distributed VCC and Ground Pins Reduce
Switching Noise
•
Packaged in Plastic 28-Pin Shrink
Small-Outline Package
The CDC2536 is a high-performance, low-skew, low-jitter clock driver. It uses a phase-lock loop (PLL) to
precisely align, in both frequency and phase, the clock output signals to the clock input (CLKIN) signal. It is
specifically designed for use with synchronous DRAMs and popular microprocessors operating at speeds from
50 MHz to 100 MHz or down to 25 MHz on outputs configured as half-frequency outputs. The CDC2536
operates at 3.3-V VCC and is designed to drive a 50-W transmission line. The CDC2536 also provides on-chip
series-damping resistors, eliminating the need for external termination components.
The feedback (FBIN) input is used to synchronize the output clocks in frequency and phase to the input clock
(CLKIN). One of the six output clocks must be fed back to FBIN for the PLL to maintain synchronization between
CLKIN and the outputs. The output used as the feedback pin is synchronized to the same frequency as CLKIN.
The Y outputs can be configured to switch in phase and at the same frequency as CLKIN. The select (SEL) input
configures three Y outputs to operate at one-half or double the CLKIN frequency, depending on which pin is fed
back to FBIN (see Tables 1 and 2). All output signal duty cycles are adjusted to 50% independent of the duty
cycle at the input clock.
Output-enable (OE) is provided for output control. When OE is high, the outputs are in the high-impedance state.
When OE is low, the outputs are active. TEST is used for factory testing of the device and can be use to bypass
the PLL. TEST should be strapped to GND for normal operation.
Unlike many products containing PLLs, the CDC2536 does not require external RC networks. The loop filter for
the PLL is included on-chip, minimizing component count, board space, and cost.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
EPIC-IIB is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 1994–2004, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - CDC2536

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDC2536 TI-CDC2536 Datasheet
143Kb / 10P
3.3-V PHASE-LOCK LOOP CLOCK DRIVER WITH 3-STATE OUTPUTS
CDC2536 TI1-CDC2536 Datasheet
490Kb / 15P
3.3V PHASE-LOCK LOOP CLOCK DRIVER
CDC2536DB TI-CDC2536DB Datasheet
143Kb / 10P
3.3-V PHASE-LOCK LOOP CLOCK DRIVER WITH 3-STATE OUTPUTS
CDC2536DB TI1-CDC2536DB Datasheet
490Kb / 15P
3.3V PHASE-LOCK LOOP CLOCK DRIVER
CDC2536DBG4 TI1-CDC2536DBG4 Datasheet
490Kb / 15P
3.3V PHASE-LOCK LOOP CLOCK DRIVER
More results

Similar Description - CDC2536

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDC2510 TI-CDC2510 Datasheet
131Kb / 9P
3.3-V PHASE-LOCK LOOP CLOCK DRIVER
CDC2536 TI-CDC2536 Datasheet
143Kb / 10P
3.3-V PHASE-LOCK LOOP CLOCK DRIVER WITH 3-STATE OUTPUTS
CDC2586 TI-CDC2586 Datasheet
165Kb / 12P
3.3-V PHASE-LOCK LOOP CLOCK DRIVER WITH 3-STATE OUTPUTS
CDC536 TI-CDC536 Datasheet
170Kb / 12P
3.3-V PHASE-LOCK LOOP CLOCK DRIVER WITH 3-STATE OUTPUTS
CDC586 TI-CDC586 Datasheet
166Kb / 12P
3.3-V PHASE-LOCK-LOOP CLOCK DRIVER WITH 3-STATE OUTPUTS
SN54CDC586 TI-SN54CDC586 Datasheet
150Kb / 11P
3.3-V PHASE-LOCK-LOOP CLOCK DRIVER WITH 3-STATE OUPUTS
logo
Hitachi Semiconductor
HD74CDC2510B HITACHI-HD74CDC2510B Datasheet
45Kb / 11P
3.3-V Phase-lock Loop Clock Driver
logo
Texas Instruments
CDC536DBG4 TI1-CDC536DBG4 Datasheet
295Kb / 14P
3.3-V PHASE-LOCK LOOP CLOCK DRIVER WITH 3-STATE OUTPUTS
SN54CDC586 TI1-SN54CDC586_07 Datasheet
152Kb / 11P
3.3-V PHASE-LOCK-LOOP CLOCK DRIVER WITH 3-STATE OUPUTS
CDCF2509 TI1-CDCF2509_17 Datasheet
641Kb / 15P
3.3-V PHASE-LOCK LOOP CLOCK DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com