Electronic Components Datasheet Search
  English  ▼

X  

EP3C5 Datasheet(PDF) 65 Page - Altera Corporation

Part # EP3C5
Description  Cyclone III Device Handbook
PDF  348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP3C5 Datasheet(HTML) 65 Page - Altera Corporation

Back Button EP3C5 Datasheet HTML 61Page - Altera Corporation EP3C5 Datasheet HTML 62Page - Altera Corporation EP3C5 Datasheet HTML 63Page - Altera Corporation EP3C5 Datasheet HTML 64Page - Altera Corporation EP3C5 Datasheet HTML 65Page - Altera Corporation EP3C5 Datasheet HTML 66Page - Altera Corporation EP3C5 Datasheet HTML 67Page - Altera Corporation EP3C5 Datasheet HTML 68Page - Altera Corporation EP3C5 Datasheet HTML 69Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 348 page
background image
Chapter 5: Clock Networks and PLLs in the Cyclone III Device Family
5–5
Clock Networks
December 2011
Altera Corporation
Cyclone III Device Handbook
Volume 1
Figure 5–1 shows the clock control block.
Each PLL generates five clock outputs through the c[4..0] counters. Two of these
clocks can drive the GCLK through a clock control block, as shown in Figure 5–1.
f For more information about how to use the clock control block in the Quartus® II
software, refer to the Clock Control Block (ALTCLKCTRL) Megafunction User Guide.
Figure 5–1. Clock Control Block
Notes to Figure 5–1:
(1) The clkswitch signal can either be set through the configuration file or dynamically set when using the manual PLL switchover feature. The
output of the multiplexer is the input clock (fIN) for the PLL.
(2) The clkselect[1..0] signals are fed by internal logic and is used to dynamically select the clock source for the GCLK when the device is in user
mode.
(3) The static clock select signals are set in the configuration file. Therefore, dynamic control when the device is in user mode is not feasible.
(4) You can use internal logic to enable or disable the GCLK in user mode.
CLKSWITCH (1)
Static Clock Select (3)
Static Clock
Select (3)
Internal Logic
Clock Control Block
DPCLK or CDPCLK
CLKSELECT[1..0] (2)
Internal Logic (4)
inclk1
inclk0
CLK[n + 3]
CLK[n + 2]
CLK[n + 1]
CLK[n]
fIN
C0
C1
C2
PLL
Global
Clock
Enable/
Disable
C3
C4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com