Electronic Components Datasheet Search
  English  ▼

X  

EP3C5 Datasheet(PDF) 28 Page - Altera Corporation

Part # EP3C5
Description  Cyclone III Device Handbook
PDF  348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP3C5 Datasheet(HTML) 28 Page - Altera Corporation

Back Button EP3C5 Datasheet HTML 24Page - Altera Corporation EP3C5 Datasheet HTML 25Page - Altera Corporation EP3C5 Datasheet HTML 26Page - Altera Corporation EP3C5 Datasheet HTML 27Page - Altera Corporation EP3C5 Datasheet HTML 28Page - Altera Corporation EP3C5 Datasheet HTML 29Page - Altera Corporation EP3C5 Datasheet HTML 30Page - Altera Corporation EP3C5 Datasheet HTML 31Page - Altera Corporation EP3C5 Datasheet HTML 32Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 348 page
background image
2–2
Chapter 2: Logic Elements and Logic Array Blocks in the Cyclone III Device Family
Logic Elements
Cyclone III Device Handbook
December 2011
Altera Corporation
Volume 1
Figure 2–1 shows the LEs for the Cyclone III device family.
LE Features
You can configure the programmable register of each LE for D, T, JK, or SR flipflop
operation. Each register has data, clock, clock enable, and clear inputs. Signals that
use the global clock network, general-purpose I/O pins, or any internal logic can
drive the clock and clear control signals of the register. Either general-purpose I/O
pins or the internal logic can drive the clock enable. For combinational functions, the
LUT output bypasses the register and drives directly to the LE outputs.
Each LE has three outputs that drive the local, row, and column routing resources. The
LUT or register output independently drives these three outputs. Two LE outputs
drive the column or row and direct link routing connections, while one LE drives the
local interconnect resources. This allows the LUT to drive one output while the
register drives another output. This feature, called register packing, improves device
utilization because the device can use the register and the LUT for unrelated
functions. The LAB-wide synchronous load control signal is not available when using
register packing. For more information on the synchronous load control signal, refer
to “LAB Control Signals” on page 2–6.
The register feedback mode allows the register output to feed back into the LUT of the
same LE to ensure that the register is packed with its own fan-out LUT, providing
another mechanism for improved fitting. The LE can also drive out registered and
unregistered versions of the LUT output.
Figure 2–1. Cyclone III Device Family LEs
Row, Column,
And Direct Link
Routing
data 1
data 2
data 3
data 4
labclr1
labclr2
Chip-Wide
Reset
(DEV_CLRn)
labclk1
labclk2
labclkena1
labclkena2
LE Carry-In
LAB-Wide
Synchronous
Load
LAB-Wide
Synchronous
Clear
Row, Column,
And Direct Link
Routing
Local
Routing
Register Chain
Output
Register Bypass
Programmable
Register
Register Chain
Routing from
previous LE
LE Carry-Out
Register Feedback
Synchronous
Load and
Clear Logic
Carry
Chain
Look-Up Table
(LUT)
Asynchronous
Clear Logic
Clock &
Clock Enable
Select
D
Q
ENA
CLRN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com