Electronic Components Datasheet Search
  English  ▼

X  

0ACA Datasheet(PDF) 2 Page - Bel Fuse Inc.

Part # 0ACA
Description  Power Battery Packs Protection Series
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

0ACA Datasheet(HTML) 2 Page - Bel Fuse Inc.

  0ACA Datasheet HTML 1Page - Bel Fuse Inc. 0ACA Datasheet HTML 2Page - Bel Fuse Inc. 0ACA Datasheet HTML 3Page - Bel Fuse Inc. 0ACA Datasheet HTML 4Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Type 0ACA
2 / 4
Bel Fuse Inc.
206 Van Vorst Street
Jersey City, NJ 07302 USA
+1 201.432.0463
Bel.US.CS@belf.com
belfuse.com/circuit-protection
© 2023 Bel Fuse, Inc.
Rev. 0ACA Apr2023
Temperature Re-Rating Curve
Average Time Current Curve
Normal Operating Temperature: 25℃± 2℃
Operating Temperature: -55℃ to 125℃ with proper correction
factor applied.
Chart of correction factor
Storage Temperature: -55℃ to 125℃
Electrical Specifications
Part Number
Ampere
Rating
Voltage and Interrupting
Ratings
Typical Cold. Resistance
(mohms)
Typical Voltage Drop
(mV)
Typical Pre-Arcing I²t
(A²Sec)**
0ACA-9200-XX
20A
See Table of Ratings on
Page 1 for Voltage and
associated Interrupting
Ratings
2.3
60
210
0ACA-9250-XX
25A
1.7
55
400
0ACA-9300-XX
30A
1.2
50
900
0ACA-9400-XX
40A
0.9
50
1600
Consult manufacturer for other ratings
**Typical Pre-arcing I2t are measured at 10In Current.
Specifications subject to change without notice
0.001
0.01
0.1
1
10
100
1000
10000
10
100
1000
Current (Amperes)
Time Current Curve



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com