Electronic Components Datasheet Search
  English  ▼

X  

0ACA Datasheet(PDF) 4 Page - Bel Fuse Inc.

Part # 0ACA
Description  Power Battery Packs Protection Series
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

0ACA Datasheet(HTML) 4 Page - Bel Fuse Inc.

  0ACA Datasheet HTML 1Page - Bel Fuse Inc. 0ACA Datasheet HTML 2Page - Bel Fuse Inc. 0ACA Datasheet HTML 3Page - Bel Fuse Inc. 0ACA Datasheet HTML 4Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Type 0ACA
4 / 4
Bel Fuse Inc.
206 Van Vorst Street
Jersey City, NJ 07302 USA
+1 201.432.0463
Bel.US.CS@belf.com
belfuse.com/circuit-protection
© 2023 Bel Fuse, Inc.
Rev. 0ACA Apr2023
Fuse FGNO Explanation
0ACA - [XXXX] -XX
0ACA=0ACA; [XXXX]=Ampere Rating; XX=See Ordering Information as below
Decimal
Amps
Bel FGNO[XXXX]
20
20
9200
25
25
9250
30
30
9300
40
40
9400
Mechanical Dimensions
Ordering Information
Packaging
Packaging Option
Quantity
Packaging Code
Tape (width 12mm) and reel (dia. 7inch)
1000
TE
Specifications subject to change without notice



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com