Electronic Components Datasheet Search
  English  ▼

X  

0ACA Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # 0ACA
Description  Power Battery Packs Protection Series
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

0ACA Datasheet(HTML) 1 Page - Bel Fuse Inc.

  0ACA Datasheet HTML 1Page - Bel Fuse Inc. 0ACA Datasheet HTML 2Page - Bel Fuse Inc. 0ACA Datasheet HTML 3Page - Bel Fuse Inc. 0ACA Datasheet HTML 4Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Type 0ACA
Power Battery Packs Protection Series
belfuse.com/circuit-protection
0ACA Series
RoHS Compliant
Features
- Surface mount design to save space, 2410 SMD
- Ceramic square body with Silver plated end cap
- Compatible with 260℃, IR Pb-free solder process
- Wide operating temperature range, -55
℃ to 125℃
- Tape & Reel for auto-insert SMD process
- Designed to UL248-1
- Full compliance with EU Directive 2011/65/EU and amending directive 2015/863
- Full compatible with lead-free solder and high temperature profile
associated with lead-free assembly
- pass internal reliability performance and applicable for low duty application
(bicycle etc.)
HALOGEN FREE =
LEAD FREE =
Applications
- E-Bike
- e Robot sweeper
- E-Motor
- Power Tools
Physical Specifications
Electrical Characteristics
Safety Agency Approvals
Materials
Body : Ceramic
Cap : Silver plated copper
Marking
On Fuse :
"Current Rating"
On Label :
"bel", "0ACA
”, "Current Rating", "Voltage Rating", "Interrupting Rating",
"Appropriate Safety Logos" and "
", "
"(China RoHS compliant).
% of Ampere
Rating (A)
Operating Time
Min
Max
100%
4hours
-
200%
-
60sec
Safety Agency
Ampere Rating /
Voltage Rating
Ampere Range / Volt
@ I.R. ability*
20-30A / 72V DC
40A / 63V DC
20-30A / 72V @ 500A DC
40A / 63V @ 500A DC
*I.R.=DC Interrupting Rating
Specifications subject to change without notice


Similar Part No. - 0ACA

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0ACA-9200-XX BEL-0ACA-9200-XX Datasheet
699Kb / 4P
Type 0ACA Power Battery Packs Protection Series
0ACA-9250-XX BEL-0ACA-9250-XX Datasheet
699Kb / 4P
Type 0ACA Power Battery Packs Protection Series
0ACA-9300-XX BEL-0ACA-9300-XX Datasheet
699Kb / 4P
Type 0ACA Power Battery Packs Protection Series
0ACA-9400-XX BEL-0ACA-9400-XX Datasheet
699Kb / 4P
Type 0ACA Power Battery Packs Protection Series
More results

Similar Description - 0ACA

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33348 ONSEMI-MC33348 Datasheet
182Kb / 12P
LITHIUM BATTERY PROTECTION CIRCUIT FOR ONE CELL SMART BATTERY PACKS
1999 REV 2
MC33349 ONSEMI-MC33349 Datasheet
204Kb / 12P
Lithium Battery Protection Circuit for One Cell Battery Packs
May, 2000 ??Rev. 1
NCP802 ONSEMI-NCP802 Datasheet
125Kb / 23P
Highly Integrated Lithium Battery Protection Circuit for One Cell Battery Packs
September, 2004 ??Rev. 10
logo
MERITEK ELECTRONICS COR...
MPLR MERITEK-MPLR Datasheet
160Kb / 3P
Electronic applications: Rechargeable battery packs
logo
Motorola, Inc
MC33346 MOTOROLA-MC33346 Datasheet
108Kb / 3P
LITHIUM BATTERY PROTECTION CIRCUIT PROTECTION CIRCUIT THREE OR FOUR CELL SMART BATTERY PACKS
logo
Texas Instruments
BQ27750 TI1-BQ27750 Datasheet
1Mb / 34P
Impedance Track Battery Gas Gauge and Protection Solution for 1-Series Cell Li-Ion Battery Packs
logo
HYCON Technology Corpor...
HY2112 HYCON-HY2112 Datasheet
766Kb / 17P
Battery Packs Protection ICs
HY2116 HYCON-HY2116 Datasheet
1Mb / 32P
Battery Packs Protection ICs
HY2118 HYCON-HY2118 Datasheet
1Mb / 33P
Battery Packs Protection ICs
logo
Bel Fuse Inc.
0ACA-9200-XX BEL-0ACA-9200-XX Datasheet
699Kb / 4P
Type 0ACA Power Battery Packs Protection Series
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com