Electronic Components Datasheet Search
  English  ▼

X  

0ADEP Datasheet(PDF) 2 Page - Bel Fuse Inc.

Part # 0ADEP
Description  Fast-Acting Fuse Series
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

0ADEP Datasheet(HTML) 2 Page - Bel Fuse Inc.

  0ADEP Datasheet HTML 1Page - Bel Fuse Inc. 0ADEP Datasheet HTML 2Page - Bel Fuse Inc. 0ADEP Datasheet HTML 3Page - Bel Fuse Inc. 0ADEP Datasheet HTML 4Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Type 0ADEC /0ADEP
2 / 4
Bel Fuse Inc.
206 Van Vorst Street
Jersey City, NJ 07302 USA
+1 201.432.0463
Bel.US.CS@belf.com
belfuse.com/circuit-protection
© 2023 Bel Fuse, Inc.
Rev. :0ADEC/0ADEP Apr2023
Environmental Specifications
Electrical Specifications
Part Number
Ampere Rating
Typical Cold
Resistance (mOhms)
Voltage and Interrupting
Ratings
Typical Pre
–Arcing I²t
(A²Sec)
Total I2t
(A2sec)
0ADEC9100-XX
10A
17.1
See Table of Ratings
on Page 1 for Voltage
and associated
Interrupting Ratings
100
135
0ADEP9100- XX
0ADEC9120- XX
12A
12.3
140
180
0ADEP9120- XX
0ADEC9150- XX
15A
8.0
66
155
0ADEP9150- XX
0ADEC9160- XX
16A
8.0
62
150
0ADEP9160- XX
0ADEC9200- XX
20A
5.5
120
280
0ADEP9200- XX
0ADEC9250- XX
25A
4.6
200
470
0ADEP9250- XX
0ADEC9300- XX
30A
3.7
270
630
0ADEP9300- XX
Consult manufacturer for other ratings
*DC Cold Resistance are measured at <10% of rated current in ambient temperature of 25℃
*Typical Pre-arcing I2t are measured at 10In Current
*Total I2t are measured at 500V IR test
Operating Temperature
-50
℃ to +105℃
Terminal Strength
MIL-STD-202G, Method 211 Test Condition A
Lead Solderability
MIL-STD-202, Method 208
Mechanical Vibration
MIL-STD-202, Method 201
Thermal Shock
MIL-STD-202, Method 107 Test Condition B ( 5 cycles -65
℃ to+125℃ )
Humidity
MIL-STD-202, Method 103, Test Condition A ( 95%RH and 40
℃ for 240 hours )
Specifications subject to change without notice



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com