Electronic Components Datasheet Search
  English  ▼

X  

0ADEP Datasheet(PDF) 3 Page - Bel Fuse Inc.

Part # 0ADEP
Description  Fast-Acting Fuse Series
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

0ADEP Datasheet(HTML) 3 Page - Bel Fuse Inc.

  0ADEP Datasheet HTML 1Page - Bel Fuse Inc. 0ADEP Datasheet HTML 2Page - Bel Fuse Inc. 0ADEP Datasheet HTML 3Page - Bel Fuse Inc. 0ADEP Datasheet HTML 4Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Type 0ADEC /0ADEP
3 / 4
Bel Fuse Inc.
206 Van Vorst Street
Jersey City, NJ 07302 USA
+1 201.432.0463
Bel.US.CS@belf.com
belfuse.com/circuit-protection
© 2023 Bel Fuse, Inc.
Rev. :0ADEC/0ADEP Apr2023
Temperature Re-Rating Curve
Average Time Current Curve
Soldering parameters for Pigtail Type
Wave Soldering Compatible: (260℃, 10 sec max)
Hand-Solder:
Solder Iron Temperature: (350℃+/-5℃)
Heating Time:( 5 sec max)
Specifications subject to change without notice



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com