Electronic Components Datasheet Search
  English  ▼

X  

0ADEP Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # 0ADEP
Description  Fast-Acting Fuse Series
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

0ADEP Datasheet(HTML) 1 Page - Bel Fuse Inc.

  0ADEP Datasheet HTML 1Page - Bel Fuse Inc. 0ADEP Datasheet HTML 2Page - Bel Fuse Inc. 0ADEP Datasheet HTML 3Page - Bel Fuse Inc. 0ADEP Datasheet HTML 4Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Type 0ADEC / 0ADEP
Fast-Acting Fuse Series
belfuse.com/circuit-protection
0ADEC/0ADEP Series, 6x32mm Ceramic Tube Fast-Acting Fuse
RoHS Compliant
Description
A 500 VAC/VDC rated ceramic tube cartridge fuse in a compact 6.3 x 32mm package,
Features
- Fast-acting, high breaking capacity fuse
- Available in cartridge and pigtail axial lead
- Designed to UL 248-14
- Full compliance with EU Directive 2011/65/EU and amending directive 2015/863
- Halogen Free
- Lead Free
Applications
- Industrial Power Supplies
LEAD FREE =
- DC/DC modules
HALOGEN FREE =
Physical Specifications
Electrical Characteristics
Safety Agency Approvals
Materials
Body : Ceramic
Cap: Silver Plated Caps
Pigtail Leads : Tin Plated Copper
Marking
On Fuse :
"bel"
"0ADE","Current Rating", "Voltage Rating", "Appropriate Safety Logos"
On Label :
"bel","0ADEC"or"0ADEP","Current Rating","Voltage Rating","Interrupting Rating",
"Appropriate Safety Logos" and "
", "
"(China RoHS compliant).
Safety
Agency
Safety Agency
Certificate
Ampere Rating /
Voltage Rating
Ampere Range / Volt
@ I.R. ability*
E20624
10A
–30A/500V AC/DC
10A
–30A/500V@30KA AC
/500V@20KA DC
*I.R.= Interrupting Rating = Short Circuit Rating(Amps)
Testing Current
Opening Time
Maximum
150%
30 minutes
200%
5 minutes
300%
10 seconds
Specifications subject to change without notice


Similar Part No. - 0ADEP

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0ADEP9100-XX BEL-0ADEP9100-XX Datasheet
1Mb / 4P
FAST ACTING FUSE SERIES
0ADEP9120-XX BEL-0ADEP9120-XX Datasheet
1Mb / 4P
FAST ACTING FUSE SERIES
0ADEP9150-XX BEL-0ADEP9150-XX Datasheet
1Mb / 4P
FAST ACTING FUSE SERIES
0ADEP9160-XX BEL-0ADEP9160-XX Datasheet
1Mb / 4P
FAST ACTING FUSE SERIES
0ADEP9200-XX BEL-0ADEP9200-XX Datasheet
1Mb / 4P
FAST ACTING FUSE SERIES
More results

Similar Description - 0ADEP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
225100 LITTELFUSE-225100_1 Datasheet
42Kb / 1P
2AG Fast-Acting Fuse
logo
Cooper Bussmann, Inc.
504-GMT-5A COOPER-504-GMT-5A Datasheet
185Kb / 3P
Fast-Acting Indicating Telecom Fuse
logo
Bel Fuse Inc.
0ADAC BEL-0ADAC Datasheet
1Mb / 4P
FAST ACTING FUSE SERIES
0ADBC BEL-0ADBC Datasheet
1Mb / 4P
FAST ACTING FUSE SERIES
0ADEC BEL-0ADEC Datasheet
1Mb / 4P
FAST ACTING FUSE SERIES
logo
Eaton All Rights Reserv...
GMW EATON-GMW Datasheet
185Kb / 2P
Specialty fuse fast-acting and fuse holder
logo
Bel Fuse Inc.
0ADHC0440-BE BEL-0ADHC0440-BE Datasheet
880Kb / 4P
Type 0ADH Fast-Acting Fuse Series
logo
Littelfuse
435 LITTELFUSE-435_V01 Datasheet
563Kb / 3P
435 Series 0402 Fast-Acting Fuse
Revised: BO. 11/13/20
logo
Bel Fuse Inc.
0AKH BEL-0AKH Datasheet
520Kb / 3P
Fast-Acting Fuse Series
Rev. 0AKH Dec29 2020
0ALA BEL-0ALA Datasheet
347Kb / 3P
1000VDC, Fast Acting Fuse
Rev. 0ALA Mar2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com