Electronic Components Datasheet Search
  English  ▼

X  

DF40 Datasheet(PDF) 6 Page - Hirose Electric

Part # DF40
Description  0.4mm Pitch, 1.5 to 4.0mm Height, Board-to-Board/FPC-to-Board Connector
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF40 Datasheet(HTML) 6 Page - Hirose Electric

Back Button DF40 Datasheet HTML 2Page - Hirose Electric DF40 Datasheet HTML 3Page - Hirose Electric DF40 Datasheet HTML 4Page - Hirose Electric DF40 Datasheet HTML 5Page - Hirose Electric DF40 Datasheet HTML 6Page - Hirose Electric DF40 Datasheet HTML 7Page - Hirose Electric DF40 Datasheet HTML 8Page - Hirose Electric DF40 Datasheet HTML 9Page - Hirose Electric DF40 Datasheet HTML 10Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
6
DF40 Series/0.4mm Pitch, 1.5 to 4.0mm Height, Board-to-Board/FPC-to-Board Connector
❶ Series Name
DF40
❺ Connector Type DS : Double Row Receptacle
❷ Shape Symbol
B : Retention Tab
HB : Retention Tab
(Stacking Height 2.5mm Min.)
C : No Retention Tab
HC : No Retention Tab
(Stacking Height 2.5mm Min.)
❻ Contact Pitch
0.4mm
❸ Stacking Height
None : 1.5mm
2.0 : 2.0mm
2.5 : 2.5mm
3.0 : 3.0mm
3.5 : 3.5mm
4.0 : 4.0mm
❼ Contact Type
V : Straight SMT
❹ No. of Pos.
10, 12, 20, 24, 30, 34, 36, 40, 44, 48, 50,
60, 70, 80, 90, 100, 120
❽ Packaging Type (51) : Embossed Packaging
(58) : Embossed Packaging
●
Plug
DF40 # - # DP - 0.4 V (##)
❶
❷
❸ ❹
❺ ❻
❼
❶ Series Name
DF40
❺ Contact Pitch
0.4mm
❷ Shape Symbol
C : No Retention Tab
❻ Contact Type
V : Straight SMT
❸ No. of Pos.
10, 12, 20, 24, 30, 34, 36, 40, 44, 48, 50,
60, 70, 80, 90, 100, 120
❼ Packaging Type (51) : Embossed Packaging
(58) : Embossed Packaging
❹ Connector Type DP : Double Row Plug
Product Number Structure
Refer to the chart below when determining the product specifications from the product number.
Please select from the product numbers listed in this catalog when placing orders.
■ Standard, Non Shielded Type
●
Receptacle
DF40 # - (##) - # DS - 0.4 V (##)
❶
❷
❸
❹ ❺
❻ ❼
❽



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com